Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M74HC257TTR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza M74HC257TTR
Descripción Electrónicos  QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC257TTR Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC257TTR Datasheet HTML 1Page - STMicroelectronics M74HC257TTR Datasheet HTML 2Page - STMicroelectronics M74HC257TTR Datasheet HTML 3Page - STMicroelectronics M74HC257TTR Datasheet HTML 4Page - STMicroelectronics M74HC257TTR Datasheet HTML 5Page - STMicroelectronics M74HC257TTR Datasheet HTML 6Page - STMicroelectronics M74HC257TTR Datasheet HTML 7Page - STMicroelectronics M74HC257TTR Datasheet HTML 8Page - STMicroelectronics M74HC257TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M74HC257
5/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per
Channel)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
50
25
60
75
90
ns
4.5
7
121519
6.0
6
101315
tPLH tPHL Propagation Delay
Time
(A, B - Y)
2.0
50
45
100
125
150
ns
4.5
13
20
25
30
6.0
11
17
21
26
2.0
150
62
140
175
210
ns
4.5
18
28
35
42
6.0
15
24
30
36
tPLH tPHL Propagation Delay
Time
(SELECT - Y)
2.0
50
45
100
125
150
ns
4.5
13
20
25
30
6.0
11
17
21
26
2.0
150
62
140
175
210
ns
4.5
18
28
35
42
6.0
15
24
30
36
tPZL tPZH High Impedance
Output Enable
Time
2.0
50
RL = 1 K
40
110
140
165
ns
4.5
12
22
28
33
6.0
10
19
24
28
2.0
150
RL = 1 K
57
150
190
225
ns
4.5
17
30
38
45
6.0
14
26
32
38
tPLZ tPHZ High Impedance
Output Disable
Time
2.0
50
RL = 1 K
28
140
175
210
ns
4.5
14
28
35
42
6.0
13
24
30
36
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
101010
pF
COUT
Output
Capacitance
10
pF
CPD
Power Dissipation
Capacitance (note
1)
47
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com