Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSM65522 Datasheet(PDF) 7 Page - OKI electronic componets

No. de pieza MSM65522
Descripción Electrónicos  8-Bit Microcontroller with A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65522 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM65522 Datasheet HTML 3Page - OKI electronic componets MSM65522 Datasheet HTML 4Page - OKI electronic componets MSM65522 Datasheet HTML 5Page - OKI electronic componets MSM65522 Datasheet HTML 6Page - OKI electronic componets MSM65522 Datasheet HTML 7Page - OKI electronic componets MSM65522 Datasheet HTML 8Page - OKI electronic componets MSM65522 Datasheet HTML 9Page - OKI electronic componets MSM65522 Datasheet HTML 10Page - OKI electronic componets MSM65522 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
¡ Semiconductor
MSM65522/65P522
Secondary Functions
Function
Symbol
Type
Description
Serial
Port
RXD
I/O
P2.0 secondary functions.
UART: Input pin for a synchronous communication receive data.
Synchronous: Input/output pin for serial port transmit/receive data.
TXD
O
P2.1 secondary functions.
UART: Input pin for a synchronous communication receive data.
Synchronous: Output pin for serial port synchronizing clock.
External
interrupt
INT0
I
Secondary function of P2.2 input pin for external interrupt 0.
The interrupt can be triggered by the rising edge, falling edge, or both
edges of rising or falling.
INT1/Gate
I
Secondary function of P2.3 input pin for external interrupt 1.
The interrupt can be triggered by the rising edge, falling edge, or both
rising and falling edges. Also used as a gate signal input pin for gating
the counter of timer 0.
INT2
I
Secondary function of P3.4 input pin for external interrupt 2.
The interrupt can be triggered by the rising edge, falling edge, or both
rising and falling edges.
HSTOP
I
Secondary function of P2.0 input pin for hardware stop mode. If this pin goes
low while the HSTP bit in SBYCON is set to 1, the chip enters hard stop
mode. In hardware stop mode the clock stops and the CPU and on-chip
peripheral functions shut down to conserve power.
Control
SFTO
O
Shift
Registers
P3.5 secondary functions.
Shift register data output pin.
SFTI
I
P3.6 secondary functions.
Shift register data output pin.
SFTCK
I/O
P3.7 secondary functions.
Shift register synchronizing clock input/output pin.
In master mode: clock output
In slave mode: clock input
T0CK
I
Secondary function of P2.4: external clock input pin for timer 0.
Timer 0
T1OUT
O
Secondary function of P2.7: outputs a waveform with twice the cycle of
the overflow interval of timer 1.
Timer 1
AI0
to
AI7
O
Secondary function of P6.0 to P6.7: functions as analog input channel in
A/D conversion.
A/D
Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com