| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3955 Datasheet(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 Datasheet(HTML) 21 Page - ams AG |
|
21 / 102 page ![]() ams Datasheet Page 21 [v1-04] 2016-Feb-03 Document Feedback AS3955 − Detailed Description Figure 17: AS3955 State Diagram SENSE State After a power-on reset (POR), AS3955 switches to the SENSE state. This state is exited when a SENS_REQ or an ALL_REQ command is received from the NFC device. Any other data received while in this state is interpreted as an error and AS3955 remains in SENSE state. When in SELECTED or AUTHENTICATED state, a correctly executed SLP_REQ command will modify the default waiting state from SENSE to SLEEP state. SLEEP state can be exited when an ALL_REQ command is received. POWER OFF (RF field off) SENSE SLEEP AUTHENTICATED Reset ALL_REQ SENS_REQ ALL_REQ WRITE Authentication Password READ (16 bytes) WRITE (4 bytes) GET VERSION RESOLUTION ANTI-COLLISION SEL_REQ SLP_REQ SLP_REQ SELECTED READ (16 bytes) WRITE (4 bytes) GET VERSION |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |