| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L151VCT6 Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VCT6 Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 136 page ![]() Pin descriptions STM32L151xC STM32L152xC 38/136 DocID022799 Rev 13 Table 8. Legend/abbreviations used in the pinout table Name Abbreviation Definition Pin name Unless otherwise specified in brackets below the pin name, the pin function during and after reset is the same as the actual pin name Pin type S Supply pin I Input only pin I/O Input / output pin I/O structure FT 5 V tolerant I/O TC Standard 3.3 V I/O B Dedicated BOOT0 pin RST Bidirectional reset pin with embedded weak pull-up resistor Notes Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 9. STM32L151xC and STM32L152xC pin definitions Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions B2 1 - - - PE2 I/O FT PE2 TIM3_ETR/LCD_SEG38 /TRACECLK - A1 2 - - - PE3 I/O FT PE3 TIM3_CH1/LCD_SEG39 /TRACED0 - B1 3 - - - PE4 I/O FT PE4 TIM3_CH2/TRACED1 - C2 4 - - - PE5 I/O FT PE5 TIM9_CH1/TRACED2 - D2 5 - - - PE6- WKUP3 I/O FT PE6 TIM9_CH2/ TRACED3 WKUP3/ RTC_TAMP3 E2 6 1 C7 1 VLCD(3) S- VLCD -- |