Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L151VCT6 Datasheet(PDF) 43 Page - STMicroelectronics

No. de pieza STM32L151VCT6
Descripción Electrónicos  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VCT6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32L151VCT6 Datasheet HTML 39Page - STMicroelectronics STM32L151VCT6 Datasheet HTML 40Page - STMicroelectronics STM32L151VCT6 Datasheet HTML 41Page - STMicroelectronics STM32L151VCT6 Datasheet HTML 42Page - STMicroelectronics STM32L151VCT6 Datasheet HTML 43Page - STMicroelectronics STM32L151VCT6 Datasheet HTML 44Page - STMicroelectronics STM32L151VCT6 Datasheet HTML 45Page - STMicroelectronics STM32L151VCT6 Datasheet HTML 46Page - STMicroelectronics STM32L151VCT6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 136 page
background image
DocID022799 Rev 13
43/136
STM32L151xC STM32L152xC
Pin descriptions
51
E11
64 38 E1
-
PC7
I/O
FT
PC7
TIM3_CH2/I2S3_MCK/
LCD_SEG25
-
E10
65 39 D1
-
PC8
I/O
FT
PC8
TIM3_CH3/LCD_SEG26
-
D12 66 40 E2
-
PC9
I/O
FT
PC9
TIM3_CH4/LCD_SEG27
-
D11
67 41 E3 29
PA8
I/O
FT
PA8
USART1_CK/MCO/
LCD_COM0
-
D10 68 42 C1 30
PA9
I/O
FT
PA9
USART1_TX/
LCD_COM1
-
C12 69 43 D2 31
PA10
I/O
FT
PA10
USART1_RX/
LCD_COM2
-
B12
70 44 B1 32
PA11
I/O
FT
PA11
USART1_CTS/
SPI1_MISO
USB_DM
A12
71 45 D3 33
PA12
I/O
FT
PA12
USART1_RTS/
SPI1_MOSI
USB_DP
A11
72 46 C2 34
PA13
I/O
FT
JTMS-
SWDIO
JTMS-SWDIO
-
C11
73
-
-
-
PH2
I/O
FT
PH2
-
-
F11
74 47 A1 35
VSS_2
S-
VSS_2
--
G11 75 48 B2 36
VDD_2
S-
VDD_2
--
A10
76 49 C3 37
PA14
I/O
FT
JTCK-
SWCLK
JTCK-SWCLK
-
A9
77 50 A2 38
PA15
I/O
FT
JTDI
TIM2_CH1_ETR/
SPI1_NSS/
SPI3_NSS/I2S3_WS/
LCD_SEG17/JTDI
-
B11
78 51 B3
-
PC10
I/O
FT
PC10
SPI3_SCK/I2S3_CK/
USART3_TX/
LCD_SEG28/
LCD_SEG40/
LCD_COM4
-
Table 9. STM32L151xC and STM32L152xC pin definitions (continued)
Pins
Pin name
Main
function(2)
(after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More