| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STEVAL-MKI188V1 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-MKI188V1 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Features • Complete L20G20IS pinout for a standard DIL 24 socket • Fully compatible with the STEVAL-MKI109V3 motherboard • RoHS compliant Description The STEVAL-MKI188V1 adapter board is designed to facilitate the evaluation of MEMS devices in the L20G20IS product family. The board offers an effective solution for fast system prototyping and device evaluation directly in the user’s own application. The STEVAL-MKI188V1 can be plugged into a standard DIL 24 socket. The adapter provides the complete L20G20IS pin-out and comes ready-to-use with the required decoupling capacitors on the VDD power supply line. This adapter is supported by the STEVAL-MKI109V3 motherboard, which includes a high performance 32-bit microcontroller functioning as a bridge between the sensor and a PC, on which it is possible to use the downloadable graphical user interface (Unico GUI), or dedicated software routines for customized applications. Summary table STEVAL-MKI188V1 evaluation board STEVAL- MKI188V1 L20G20IS standard DIL 24 socket L20G20IS STEVAL-MKI109V3 motherboard STEVAL- MKI109V3 L20G20IS adapter board for a standard DIL 24 socket STEVAL-MKI188V1 Data brief DB3539 - Rev 1 - February 2018 For further information contact your local STMicroelectronics sales office. www.st.com |
Número de pieza similar - STEVAL-MKI188V1 |
|
Descripción similar - STEVAL-MKI188V1 |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |