Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STEVAL-MKI188V1 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STEVAL-MKI188V1
Descripción Electrónicos  L20G20IS adapter board for a standard DIL 24 socket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI188V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-MKI188V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI188V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI188V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI188V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagrams
Figure 1. STEVAL-MKI188V1 circuit schematic
GND
1
2
3
4
5
6
7
8
9
10
11
12
JP1
24
23
22
21
20
19
18
17
16
15
14
13
JP2
GND
INT1
CS
SCL
SDI/SDO
SDO
GND
VDD_IO
GND
GND
100nF
C2
100nF
C3
100nF
C1
GND
9
GND
10
SDO
4
SDI/SDO
3
SCL
2
VDD_IO
1
NC
7
GND
8
U1
L20G20IS
GND
GND
VDD
VDD_IO
VDD_IO
VDD
SCL
SDI/SDO
SDO
VDD
STEVAL-MKI188V1
Schematic diagrams
DB3539 - Rev 1
page 2/4



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com