| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F107VC Datasheet(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107VC Datasheet(HTML) 100 Page - STMicroelectronics |
|
100 / 108 page ![]() Application block diagrams STM32F105xx, STM32F107xx 100/108 DocID15274 Rev 10 A.4 USB OTG FS interface + Ethernet/I2S interface solutions With the clock tree implemented on the STM32F107xx, only one crystal is required to work with both the USB (host/device/OTG) and the Ethernet (MII/RMII) interfaces. Figure 59 illustrate the solution. Figure 59. USB O44TG FS + Ethernet solution With the clock tree implem1ented on the STM32F107xx, only one crystal is required to work with both the USB (host/device/OTG) and the I2S (Audio) interfaces. Figure 60 illustrate the solution. Figure 60. USB OTG FS + I2S (Audio) solution |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |