Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

US2KB Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

No. de pieza US2KB
Descripción Electrónicos  ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AITSEMI [AiT Semiconductor Inc.]
Página de inicio  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

US2KB Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  US2KB Datasheet HTML 1Page - AiT Semiconductor Inc. US2KB Datasheet HTML 2Page - AiT Semiconductor Inc. US2KB Datasheet HTML 3Page - AiT Semiconductor Inc. US2KB Datasheet HTML 4Page - AiT Semiconductor Inc. US2KB Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
US2AB~US2MB
ULTRAFAST RECOVERY RECTIFIER
REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
REV1.1
- AUG 2018 RELEASED, MAR 2021 UPDATED -
- 4 -
PACKAGE INFORMATION
Dimension in SMB (Unit: mm)
Plastic surface mounted package; 2 leads
The recommended mounting pad size
UNIT
A
E
D
E1
A1
L
C
b
mm
Max
2.44
4.70
3.94
5.59
0.20
1.5
0.305
2.2
Min
2.13
4.06
3.3
5.08
0.05
0.8
0.152
1.9
mil
Max
96
185
155
220
7.9
59
12
87
Min
84
160
130
200
2.0
32
6
75



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com