Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

US2KB Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

No. de pieza US2KB
Descripción Electrónicos  ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AITSEMI [AiT Semiconductor Inc.]
Página de inicio  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

US2KB Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  US2KB Datasheet HTML 1Page - AiT Semiconductor Inc. US2KB Datasheet HTML 2Page - AiT Semiconductor Inc. US2KB Datasheet HTML 3Page - AiT Semiconductor Inc. US2KB Datasheet HTML 4Page - AiT Semiconductor Inc. US2KB Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
US2AB~US2MB
ULTRAFAST RECOVERY RECTIFIER
REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
REV1.1
- AUG 2018 RELEASED, MAR 2021 UPDATED -
- 2 -
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase half-wave 60 Hz, resistive or
inductive load, for capacitive load current derate by 20 %.
Parameter
Symbol US2AB US2BB US2DB US2GB US2JB US2KB US2MB Unit
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current at TC=125°C
IF(AV)
2.0
A
Peak Forward Surge Current
8.3ms Single Half Sine Wave
Superimposed on Rated Load
IFSM
50
A
Maximum Instantaneous
Forward Voltage at 2A
VF
1.0
1.3
1.65
V
Maximum DC
Reverse Current at
Rated DC
Blocking Voltage
TA=25°C
TA=125°C
IR
5.0
100
μA
Maximum Reverse Recovery
TimeNOTE1
trr
50
75
ns
Typical Thermal ResistanceNOTE2
RθJA
60
°C/W
Typical Junction Capacitance
at VR=4V, f=1MHz
Cj
20
pF
Operating and Storage
Temperature Range
TJ, TSTG
-55 ~+150
°C
NOTE1: Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
NOTE2: P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com