Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 237 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 237 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 233Page - STMicroelectronics STM32U575VG Datasheet HTML 234Page - STMicroelectronics STM32U575VG Datasheet HTML 235Page - STMicroelectronics STM32U575VG Datasheet HTML 236Page - STMicroelectronics STM32U575VG Datasheet HTML 237Page - STMicroelectronics STM32U575VG Datasheet HTML 238Page - STMicroelectronics STM32U575VG Datasheet HTML 239Page - STMicroelectronics STM32U575VG Datasheet HTML 240Page - STMicroelectronics STM32U575VG Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 329 page
background image
DS13737 Rev 6
237/329
STM32U575xx
Electrical characteristics
294
tCONV
Total conversion time (including
sampling time)
Resolution = N bits,
VREFPROTEN = 0
ts + N + 0.5
1/fADC
Resolution = N bits,
VREFPROTEN = 1
VREFSECSMP = 0
ts + N + 0.5
-
ts + N + 1.5
Resolution = N bits,
VREFPROTEN = 1
VREFSECSMP = 1
ts + N + 0.5
-
ts + N + 2.5
IDDA(ADC) ADC consumption on VDDA
fs = 2.5 Msps
-
360
-
µA
fs = 1 Msps
-
180
-
fs = 10 ksps
-
10
-
AUTOFF = 1, DPD = 0,
no conversion
-9
-
AUTOFF = 1, DPD = 1,
no conversion
-0.1
-
IDDV(ADC) ADC consumption on VREF+
fs = 2.5 Msps
-
18
-
fs = 1 Msps
-
10.2
-
fs = 10 ksps
-
0.12
-
AUTOFF = 1, DPD = 0,
no conversion
-0.01
-
AUTOFF = 1, DPD = 1,
no conversion
-0.01
-
1. Specified by design. Not tested in production.
2. The voltage booster on the ADC switches must be used when VDDA < 2.4 V (embedded I/O switches).
3. Depending on the package,
VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA.
4. The tolerance is 2 LSBs.
Table 105. 12-bit ADC4 characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More