| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U575VG Datasheet(PDF) 298 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U575VG Datasheet(HTML) 298 Page - STMicroelectronics |
|
298 / 329 page ![]() Package information STM32U575xx 298/329 DS13737 Rev 6 6.2 LQFP48 package information This LQFP is a 48-pin, 7 x 7 mm low-profile quad flat package Note: See list of notes in the notes section. Figure 84. LQFP48 - Outline(15) SECTION A-A GAUGE PLANE B B H L S R1 R2 SECTION B-B b b1 c c1 WITH PLATING BASE METAL 5B_LQFP48_ME_V1 (6) aaa C A-B D 4x N/4 TIPS bbb H A-B D 4x ddd C A-B D (12) (13) (N – 4)x e ccc C A D 1/4 E 1/4 0.05 A1 A2 b C (3) E1 D 1/4 (3) (4) A 1 2 3 (2) (5) D1 D D (3) (4) E (Section A-A) B E 1/4 N (10) (5) (2) (6) A A BOTTOM VIEW TOP VIEW (L1) (2) (11) (9) (11) (11) (11) (11) (1) |