| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U575VG Datasheet(PDF) 307 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U575VG Datasheet(HTML) 307 Page - STMicroelectronics |
|
307 / 329 page ![]() DS13737 Rev 6 307/329 STM32U575xx Package information 323 Figure 91. WLCSP90 - Recommended footprint Table 156. WLCSP90 - Mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A(2) 2. The maximum total package height is calculated by the RSS method (Root Sum Square) using nominal and tolerances values of A1 and A2. - - 0.59 - - 0.023 A1 - 0.18 - - 0.007 - A2 - 0.38 - - 0.015 - A3(3) 3. Back side coating. Nominal dimension is rounded to the 3rd decimal place resulting from process capability. - 0.025 - - 0.001 - b 0.22 0.25 0.28 0.009 0.010 0.011 D 4.19 4.20 4.21 0.165 0.165 0.166 E 3.93 3.95 3.97 0.155 0.156 0.156 e - 0.40 - - 0.016 - e1 - 3.40 - - 0.134 - e2 - 3.12 - - 0.123 - F(4) 4. Calculated dimensions are rounded to the 3rd decimal place - 0.400 - - 0.016 - G(4) - 0.416 - - 0.016 - aaa - - 0.10 - - 0.004 bbb - - 0.10 - - 0.004 ccc - - 0.10 - - 0.004 ddd - - 0.05 - - 0.002 eee - - 0.05 - - 0.002 B03P_WLCSP36_DIE464_FP_V1 Dpad Dsm |