Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431BCLPRAG Datasheet(PDF) 18 Page - ON Semiconductor

No. de pieza TL431BCLPRAG
Descripción Electrónicos  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431BCLPRAG Datasheet(HTML) 18 Page - ON Semiconductor

Back Button TL431BCLPRAG Datasheet HTML 14Page - ON Semiconductor TL431BCLPRAG Datasheet HTML 15Page - ON Semiconductor TL431BCLPRAG Datasheet HTML 16Page - ON Semiconductor TL431BCLPRAG Datasheet HTML 17Page - ON Semiconductor TL431BCLPRAG Datasheet HTML 18Page - ON Semiconductor TL431BCLPRAG Datasheet HTML 19Page - ON Semiconductor TL431BCLPRAG Datasheet HTML 20Page - ON Semiconductor TL431BCLPRAG Datasheet HTML 21Page - ON Semiconductor TL431BCLPRAG Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
PDIP−8
CASE 626−05
ISSUE P
DATE 22 APR 2015
SCALE 1:1
14
5
8
b2
NOTE 8
D
b
L
A1
A
eB
XXXXXXXXX
AWL
YYWWG
E
GENERIC
MARKING DIAGRAM*
XXXX
= Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “ G”,
may or may not be present.
A
TOP VIEW
C
SEATING
PLANE
0.010
CA
SIDE VIEW
END VIEW
END VIEW
WITH LEADS CONSTRAINED
DIM
MIN
MAX
INCHES
A
−−−−
0.210
A1
0.015
−−−−
b
0.014
0.022
C
0.008
0.014
D
0.355
0.400
D1
0.005
−−−−
e
0.100 BSC
E
0.300
0.325
M
−−−−
10
−−−
5.33
0.38
−−−
0.35
0.56
0.20
0.36
9.02
10.16
0.13
−−−
2.54 BSC
7.62
8.26
−−−
10
MIN
MAX
MILLIMETERS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSIONS A, A1 AND L ARE MEASURED WITH THE PACK-
AGE SEATED IN JEDEC SEATING PLANE GAUGE GS−3.
4. DIMENSIONS D, D1 AND E1 DO NOT INCLUDE MOLD FLASH
OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS ARE
NOT TO EXCEED 0.10 INCH.
5. DIMENSION E IS MEASURED AT A POINT 0.015 BELOW DATUM
PLANE H WITH THE LEADS CONSTRAINED PERPENDICULAR
TO DATUM C.
6. DIMENSION eB IS MEASURED AT THE LEAD TIPS WITH THE
LEADS UNCONSTRAINED.
7. DATUM PLANE H IS COINCIDENT WITH THE BOTTOM OF THE
LEADS, WHERE THE LEADS EXIT THE BODY.
8. PACKAGE CONTOUR IS OPTIONAL (ROUNDED OR SQUARE
CORNERS).
E1
0.240
0.280
6.10
7.11
b2
eB
−−−−
0.430
−−−
10.92
0.060 TYP
1.52 TYP
E1
M
8X
c
D1
B
A2
0.115
0.195
2.92
4.95
L
0.115
0.150
2.92
3.81
°
°
H
NOTE 5
e
e/2
A2
NOTE 3
M
B M
NOTE 6
M
STYLE 1:
PIN 1. AC IN
2. DC + IN
3. DC − IN
4. AC IN
5. GROUND
6. OUTPUT
7. AUXILIARY
8. VCC
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98ASB42420B
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 1
PDIP−8
© Semiconductor Components Industries, LLC, 2019
www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com