Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCD6001 Datasheet(PDF) 21 Page - Tripath Technology Inc.

No. de pieza TCD6001
Descripción Electrónicos  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPATH [Tripath Technology Inc.]
Página de inicio  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6001 Datasheet(HTML) 21 Page - Tripath Technology Inc.

Back Button TCD6001 Datasheet HTML 17Page - Tripath Technology Inc. TCD6001 Datasheet HTML 18Page - Tripath Technology Inc. TCD6001 Datasheet HTML 19Page - Tripath Technology Inc. TCD6001 Datasheet HTML 20Page - Tripath Technology Inc. TCD6001 Datasheet HTML 21Page - Tripath Technology Inc. TCD6001 Datasheet HTML 22Page - Tripath Technology Inc. TCD6001 Datasheet HTML 23Page - Tripath Technology Inc. TCD6001 Datasheet HTML 24Page - Tripath Technology Inc. TCD6001 Datasheet HTML 25Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
21
TCD6001 – JL/Rev. 0.9/07.05
A Droop correction filter is included in the TCD6001 to correct for droop and ripple in the frequency response
of the entire signal processing chain. The frequency response of the droop filter for the 1X, 2X, and 4X
sampling modes is shown below.
Figure 3. Frequency response of the Droop Correction Filter
Sampling Rate Control
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
22h
Sampling Rate Control
0
0
0
1Xf
1Xs
0
S4X
S2X
Default
0
0
0
0
0
0
0
0
This register allows the user to specify the data-sampling rate (1X, 2X or 4X). When the 1X mode is selected
and the de-emphasis filter is enabled, 1Xf and 1Xs select between 32 kHz, 44.1kHz, and 48 kHz de-
emphasis filters.
Bits
S4X
S2X
0
0
1X mode (32 kHz, 44.1 kHz, or 48 kHz)
0
1
2X mode (96 kHz)
1
0 or 1
4X mode (192 kHz)
Bits
1Xf
1Xs
0
0
data-sampling rate is 44.1 kHz
0
1
data-sampling rate is 32 kHz
1
0
data-sampling rate is 48 kHz
1
1
not used
If the 2X or the 4X modes are selected, the de-emphasis filter is automatically disabled, and the setting of bit
D6 in the Filter Bypass Control register (address 21h) will be ignored.
Operation Control
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
23h
Operation Control
0
1
0
0
HFR
0
R1
R0
Default
0
1
0
0
0
0
1
1
This register allows the user to specify 2 operational characteristics of the TCD6001:
0
2
4
6
8
10
x 10
4
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Frequency in kHz
Total E ffective D roop, A fter C orrection
1x mode
2x mode
4x mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com