Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCD6001 Datasheet(PDF) 3 Page - Tripath Technology Inc.

No. de pieza TCD6001
Descripción Electrónicos  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPATH [Tripath Technology Inc.]
Página de inicio  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6001 Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TCD6001 Datasheet HTML 1Page - Tripath Technology Inc. TCD6001 Datasheet HTML 2Page - Tripath Technology Inc. TCD6001 Datasheet HTML 3Page - Tripath Technology Inc. TCD6001 Datasheet HTML 4Page - Tripath Technology Inc. TCD6001 Datasheet HTML 5Page - Tripath Technology Inc. TCD6001 Datasheet HTML 6Page - Tripath Technology Inc. TCD6001 Datasheet HTML 7Page - Tripath Technology Inc. TCD6001 Datasheet HTML 8Page - Tripath Technology Inc. TCD6001 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
3
TCD6001 – JL/Rev. 0.9/07.05
Electrical Characteristics
TA = 25 °C. Unless otherwise noted, the MCK frequency is 12.288 MHz. See Application/Test Circuit on
page 9.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH33
High-Level Input Voltage
VD33 = 3.3V
2.1
V
VIL33
Low-Level Input Voltage
VD33 = 3.3V
0.8
V
VOL33
Low-Level Output Voltage
VD33 = 3.0V, IOL = -50uA
0.1
V
VD33 = 3.0V, IOL = -4mA
0.44
V
VOH5
High-Level Output Voltage
VA50 = 4.5V, IOL = 50uA
4.4
V
VA50 = 4.5V, IOL = 4mA
3.8
V
VOL5
Low-Level Output Voltage
VA50 = 4.5V, IOL = -50uA
0.1
V
VA50 = 4.5V, IOL = -4mA
0.8
V
VOLSLEEPB SLEEPB Low-Level Output Voltage VA50 = 4.5V, IOL = -50uA
TBD
V
VA50 = 4.5V, IOL = -4mA
TBD
V
VOHSLEEPB SLEEPB High-Level Output Voltage VA50 = 4.5V, IOL = 50uA
TBD
V
VA50 = 4.5V, IOL = 4mA
TBD
V
FAULTIH5
FAULT High-Level Trigger Voltage
VA50 = 5.0V, IFAULT = -400uA
3.5
V
FAULTIL5
FAULT Low-Level Trigger Voltage
VA50 = 5.0V, IFAULT = 400uA
0.8
V
FAULTTRIS FAULT Tristate Leakage Limit
VA50 = 5.0V
5
5
uA
I2COH
I2C Tristate Leakage (SCL, SDA)
VD33 = 3.3V, VI2C = 3.3V
TBD
TBD
uA
VOL33
Low-Level Output Voltage
VD33 = 3.0V, IOL = -50uA
TBD
V
VD33 = 3.0V, IOL = -4mA
TBD
V
IVPPSENSE
VPPSENSE Threshold Currents
Over-voltage turn on (muted)
Over-voltage recover (mute off)
Under-voltage recover (mute off)
Under-voltage turn on (muted)
95
36
112
109
44
41.5
125.5
50
µA
µA
µA
µA
VVPPSENSE Threshold Voltages with
RVPP1 = RVPP2 = 576KΩ
(Note 6)
Over-voltage turn on (muted)
Over-voltage recover (mute off)
Under-voltage recover (mute off)
Under-voltage turn on (muted)
54.7
20.7
64.5
62.8
25.3
23.9
72.3
28.8
V
V
V
V
IVNNSENSE
VNNSENSE Threshold Currents
Over-voltage turn on (muted)
Over-voltage recover (mute off)
Under-voltage recover (mute off)
Under-voltage turn on (muted)
91
32
109
106
40.5
38
123.5
46.5
µA
µA
µA
µA
VVNNSENSE Threshold Voltages with
RVNN1 = 576KΩ
RVNN2 = 1.74MΩ
(Note 6)
Over-voltage turn on (muted)
Over-voltage recover (mute off)
Under-voltage recover (mute off)
Under-voltage turn on (muted)
52.4
18.4
62.8
61.1
23.3
21.9
71.1
26.8
V
V
V
V
Note 6: These supply voltages are calculated using the IVPPSENSE and IVNNSENSE values shown in the
Electrical Characteristics table. The typical voltage values shown are calculated using RVPP and
RVNN values without any tolerance variation.
The minimum and maximum voltage limits shown
include either a +1% or –1% (+1% for Over-voltage turn on and Under-voltage turn off, -1% for Over-
voltage turn off and Under-voltage turn on) variation for RVPP1 or RVNN1 off the nominal 576k
value.
These voltage specifications are examples to show both typical and worst case voltage
ranges for the given RVPP and RVNN resistor values. Please refer to the Application Information
section for a more detailed description of how to calculate the over and under voltage trip voltages
for a given resistor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com