Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STK224N4F7AG Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STK224N4F7AG
Descripción Electrónicos  Automotive-grade N-channel 40 V, 1.2 m typ., 100 A STripFET™ F7 Power MOSFET in a LFPAK 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK224N4F7AG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STK224N4F7AG Datasheet HTML 5Page - STMicroelectronics STK224N4F7AG Datasheet HTML 6Page - STMicroelectronics STK224N4F7AG Datasheet HTML 7Page - STMicroelectronics STK224N4F7AG Datasheet HTML 8Page - STMicroelectronics STK224N4F7AG Datasheet HTML 9Page - STMicroelectronics STK224N4F7AG Datasheet HTML 10Page - STMicroelectronics STK224N4F7AG Datasheet HTML 11Page - STMicroelectronics STK224N4F7AG Datasheet HTML 12Page - STMicroelectronics STK224N4F7AG Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Table 7. LFPAK 5x6 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.01
1.20
A1
0.00
0.15
A2
0.95
1.10
A3
0.25
A4
0.50
0.55
0.65
b
0.35
0.50
b2
3.62
4.41
b3
2.0
2.20
b4
0.70
0.90
b5
0.7
c
0.19
0.20(1)
0.25
c2
0.24
0.30
D
3.80
4.10
D1
3.80
4.00
4.20
E
4.8
5.0
E1
3.1
3.3
e
1.27
H
5.8
6.2
L
0.40
0.85
L1
0.80
1.30
L2
0.80
1.3
w
0.25
y
0.10
ϴ
1. Dimension without plating
STK224N4F7AG
LFPAK 5x6 package information
DS12550 - Rev 2
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com