Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STK224N4F7AG Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STK224N4F7AG
Descripción Electrónicos  Automotive-grade N-channel 40 V, 1.2 m typ., 100 A STripFET™ F7 Power MOSFET in a LFPAK 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK224N4F7AG Datasheet(HTML) 4 Page - STMicroelectronics

  STK224N4F7AG Datasheet HTML 1Page - STMicroelectronics STK224N4F7AG Datasheet HTML 2Page - STMicroelectronics STK224N4F7AG Datasheet HTML 3Page - STMicroelectronics STK224N4F7AG Datasheet HTML 4Page - STMicroelectronics STK224N4F7AG Datasheet HTML 5Page - STMicroelectronics STK224N4F7AG Datasheet HTML 6Page - STMicroelectronics STK224N4F7AG Datasheet HTML 7Page - STMicroelectronics STK224N4F7AG Datasheet HTML 8Page - STMicroelectronics STK224N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2.1
Electrical characteristics curves
Figure 1. Safe operating area
ADG191220181216SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
ID
(A)
VDS (V)
Operation
in
this
area
is
limited
by
max.
R
DS(on)
Tj = 175 °C
Tc = 25 °C
single pulse
tp = 10µs
tp = 100µs
tp = 1ms
tp = 10ms
Figure 2. Thermal impedance
ADG191220181217ZTH
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
K
tp (s)
δ = 0.5
0.2
0.1
0.05
0.02
0.01
Single pulse
Figure 3. Output characterisics
ADG191220181217OCH
125
100
75
50
25
0
0
1
2
3
4
5
ID
(A)
VDS (V)
VGS = 6 V
VGS = 5 V
VGS = 9, 10V
VGS = 7, 8 V
Figure 4. Transfer characteristics
ADG191220181218TCH
60
50
40
30
20
10
0
0
2
4
6
8
ID
(A)
VGS (V)
VDS = 5 V
Figure 5. Static drain-source on resistance
ADG191220181218RID
1.10
1
0
20
40
60
80
RDS(on) [mΩ]
ID [A]
1.30
VGS = 10 V
Figure 6. Gate charge vs gate-source voltage
ADG191220181219QVG
12
10
8
6
4
2
0
0
10
20
30
40
50
VGS
(V)
Qg (nC)
VDS = 20 V
ID = 100 A
STK224N4F7AG
Electrical characteristics curves
DS12550 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com