Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SPC574S64 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza SPC574S64
Descripción Electrónicos  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 2Page - STMicroelectronics SPC574S64 Datasheet HTML 3Page - STMicroelectronics SPC574S64 Datasheet HTML 4Page - STMicroelectronics SPC574S64 Datasheet HTML 5Page - STMicroelectronics SPC574S64 Datasheet HTML 6Page - STMicroelectronics SPC574S64 Datasheet HTML 7Page - STMicroelectronics SPC574S64 Datasheet HTML 8Page - STMicroelectronics SPC574S64 Datasheet HTML 9Page - STMicroelectronics SPC574S64 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
Introduction
SPC574Sx
6/77
DS10601 Rev 6
FlexRay
—
1
Others
Aligned to Table 1: SPC574Sx device feature summary (superset configuration).
1. Flash blocks excluded on SPC574S60:
256K Block B0F12 [0x010C_0000 … 0x010F_FFFF]
256K Block B0F13 [0x0110_0000 … 0x0113_FFFF]
2. SRAM area excluded on SPC574S60 [0x4001_0000…0x4001_7FFF]
Table 2. SPC574S60Ex, SPC574S64Ex device configuration differences (continued)
SPC574S60
(full option configuration)
SPC574S64
(full option configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77