Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SPC574S64 Datasheet(PDF) 73 Page - STMicroelectronics

No. de pieza SPC574S64
Descripción Electrónicos  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 69Page - STMicroelectronics SPC574S64 Datasheet HTML 70Page - STMicroelectronics SPC574S64 Datasheet HTML 71Page - STMicroelectronics SPC574S64 Datasheet HTML 72Page - STMicroelectronics SPC574S64 Datasheet HTML 73Page - STMicroelectronics SPC574S64 Datasheet HTML 74Page - STMicroelectronics SPC574S64 Datasheet HTML 75Page - STMicroelectronics SPC574S64 Datasheet HTML 76Page - STMicroelectronics SPC574S64 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
DS10601 Rev 6
73/77
SPC574Sx
Revision history
76
13-Apr-2015
2
Updated Table 35: ADC input leakage current
Table 36: ADC conversion characteristics
– Changed values for IADCVDDIADV_S
– Added footnotes for VSS_HV_ADR and IADCREFH
Removed IADCREFL, TUE10
Renamed Figure 10 to include BGA244
Added Figure 10: ADC decoupling capacitance/resistance scheme
Added Section :
Removed subsections of Section 2.2: Pin descriptions with referral to the “Signal
description” chapter in the devices’ reference manual
Added Section 3.4: Electromagnetic compatibility (EMC)
Added Section 3.5: Electrostatic discharge (ESD)
Updated the tables in Section 3.7: Thermal characteristics
Updated Section 3.11: Power management
Added Section 3.12: PMU monitor specifications
Added Section 3.16: External oscillator (XOSC) electrical characteristics
Added Section 3.19: Temperature sensor
Added Section 3.20: JTAG interface timings
Added Section 3.21: Nexus interface timing
11-Jan-2016
3
Figure 1: Block diagram: added missing CMU4 block.
Figure 3: 244-ball BGA pinout (top view): updated pin names for A10, A11, A13, B12,
B16, C18, D4, D15, D18, E18, F18, and K18
Table 21: eTQFP100 HV/LV supply decoupling capacitances, Table 25: eTQFP144
HV/LV supply decoupling capacitances and Table 26: BGA244 HV/LV supply
decoupling capacitances: correction for VDD_LV_S2 pad name
Table 30: Flash memory program and erase specifications and Table 29: Flash
memory Life Specification: removed the mention “(pending silicon Qualification)”
Figure 42: eTQFP100 mechanical data and Figure 49: eTQFP144 mechanical data:
updated D2 and E2 values
Table 43. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77