Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SRM4010 Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza SRM4010
Descripción Electrónicos  40A Synchronous Rectifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SRM4010 Datasheet(HTML) 3 Page - Microsemi Corporation

  SRM4010 Datasheet HTML 1Page - Microsemi Corporation SRM4010 Datasheet HTML 2Page - Microsemi Corporation SRM4010 Datasheet HTML 3Page - Microsemi Corporation SRM4010 Datasheet HTML 4Page - Microsemi Corporation SRM4010 Datasheet HTML 5Page - Microsemi Corporation SRM4010 Datasheet HTML 6Page - Microsemi Corporation SRM4010 Datasheet HTML 7Page - Microsemi Corporation SRM4010 Datasheet HTML 8Page - Microsemi Corporation SRM4010 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Microsemi
Colorado Division
800 Hoyt Street, Broomfield, CO. 80020, 303-469-2161, Fax: 303-466-3775
Page 3
Copyright
2000
2003-02-05 Rev. IR
SRM4010
40A Synchronous Rectifier Module
CO L O RA D O DI V I S I O N
FUNCTIONAL PIN DESCR
FUNCTIONAL PIN DESCR
FUNCTIONAL PIN DESCR
FUNCTIONAL PIN DESCR IPTION
IPTION
IPTION
IPTION
Pin
Number
Pin
Name
Function and description
1
CT CH
This is the power MOSFET drain for the Catch device. It connects to the output inductor and the
positive of the forward converter transformer secondary. This power device carries the load
current when the primary switch is OFF.
2
FWD
This is the power MOSFET Drain for the forward device. This pin connects to the negative of
the forward transformer. This carries the current in the forward direction when the primary
switch is ON.
3
SGND
The signal reference for external tailoring parts.
4
REGIN
This is the input signal to the linear regulator. It is usually fed from internal diodes from the
Drains of the Catch and forward MOSFETs. In some cases with low voltage outputs, this can be
used as an input if the peak voltage on the MOSFETs is less than what is required to operate the
regulator. The regulator requires 8 volts of input to regulate at 5 volts.
5
REGOUT
5V regulator output. It is also available for use with feedback circuitry that is on the secondary
side. This is useful in low voltage converters where the voltage is too low to operate optical
couplers directly from the output.
6
PGND
This is the common of the power MOSFET synchronous rectifiers
7
CDLY
Pin 7 is used to ensure that the transformer can be reset during light load operation. To allow
reset, the forward drive is inhibited for a time before the turn on of the Catch MOSFET Gate. A
capacitor to ground sets the time duration where the forward MOSFET Gate drive is disabled. A
typical value is 22 pF. Increasing the capacitor increases the hold off time.
8
CP DT
Pin 8 is used for an external capacitor to tailor the prediction time for the Catch synchronous
rectifier. The external capacitor connects between pin 8 and SGND. This time is the time
between the rise of the Catch Drain voltage and the rise of the Catch Gate voltage. Typical
values of this capacitor are 10 to 47 pF. Increasing the capacitance increases the prediction time
delay.
9
SPD
Pin 9 is used to tailor the module’s ability to differentiate between valid turn on of the Catch
diode and ringing that can occur at light load. This pin is normally open, which sets the boundary
for normal turn on at 50nS for the drain voltage to fall from 4.3 volts to 1.7 volts. In the open
case, fall times between the thresholds that are faster than 50nS are interpreted as valid turn
ON’s caused by the primary being switched off. Transitions slower than 50nS are interpreted as
ringing, which occurs in light load discontinuous operation. In the light load case, the Catch
MOSFET is not turned on. The speed of this threshold can be changed by biasing pin 9. If the
controller is not sensing normal turn off from the primary, biasing this pin to ground through a
resistor can make the controller respond to slower transitions. If the controller is responding
falsely to ringing in a discontinuous mode or skip cycle operation, the controller can be made to
reject faster ringing by biasing pin 9 to the +5V regulator output through a resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com