Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SRM4010 Datasheet(PDF) 9 Page - Microsemi Corporation

No. de pieza SRM4010
Descripción Electrónicos  40A Synchronous Rectifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SRM4010 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button SRM4010 Datasheet HTML 3Page - Microsemi Corporation SRM4010 Datasheet HTML 4Page - Microsemi Corporation SRM4010 Datasheet HTML 5Page - Microsemi Corporation SRM4010 Datasheet HTML 6Page - Microsemi Corporation SRM4010 Datasheet HTML 7Page - Microsemi Corporation SRM4010 Datasheet HTML 8Page - Microsemi Corporation SRM4010 Datasheet HTML 9Page - Microsemi Corporation SRM4010 Datasheet HTML 10Page - Microsemi Corporation SRM4010 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Microsemi
Colorado Division
800 Hoyt Street, Broomfield, CO. 80020, 303-469-2161, Fax: 303-466-3775
Page 9
Copyright
2000
2003-02-05 Rev. IR
SRM4010
40A Synchronous Rectifier Module
CO L O RA D O DI V I S I O N
Very Low Output Voltage Converter
For voltages below 1.25 volts, R3 can be moved to REG out to allow regulation below the 1.24 volt reference as shown in Figure 8. In
this case the REGOUT is used to feed current into the TLV431’s summing node. This causes the output to regulate at a voltage lower than
the reference. There are other variations of closing the feedback loop that can be used, but in many cases the availability of the REGOUT
makes the task easier.
In applications where the peak transformer voltage is less than about 8 volts, power can be supplied to the module through an additional
winding on the power transformer. This requires only the additional winding and one diode. This is illustrated in figure 8 with
transformer winding T1E and D4.
Figure 8
SRM4010 Configured for outputs below 1.25 Volts
D4
T1C
5
6
R3
CURRENT
MODE
CONTROL
T1E
9
10
C5
R4
1
R6
U2
TLV431A
R5
1
R2
T6D
7
8
L1
C3
22 PF
C4
U1
SRM4010
1
2
3
4
5
6
7
8
9
CTCH
FWD
Sgnd
REGin
REGout
Pgnd
CDLY
CPDT SPD
R1
1
C1
T1B
3
4
D3
T1A
1
2
ISO1
1
2
3
4
D1
Q1
C2
47 PF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com