Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

APM4435K Datasheet(PDF) 3 Page - Anpec Electronics Coropration

No. de pieza APM4435K
Descripción Electrónicos  P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4435K Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM4435K Datasheet HTML 1Page - Anpec Electronics Coropration APM4435K Datasheet HTML 2Page - Anpec Electronics Coropration APM4435K Datasheet HTML 3Page - Anpec Electronics Coropration APM4435K Datasheet HTML 4Page - Anpec Electronics Coropration APM4435K Datasheet HTML 5Page - Anpec Electronics Coropration APM4435K Datasheet HTML 6Page - Anpec Electronics Coropration APM4435K Datasheet HTML 7Page - Anpec Electronics Coropration APM4435K Datasheet HTML 8Page - Anpec Electronics Coropration APM4435K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - Jun., 2006
www.anpec.com.tw
3
APM4435K
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM4435K
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Gate Charge Characteristics
b
Qg
Total Gate Charge
48
60
Qgs
Gate-Source Charge
10
Qgd
Gate-Drain Charge
VDS=-15V, VGS=-10V,
IDS=-8A
9
nC
Notes:
a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
b : Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com