Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080BA Datasheet(PDF) 18 Page - Microchip Technology

No. de pieza SST26WF080BA
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080BA Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST26WF080BA Datasheet HTML 14Page - Microchip Technology SST26WF080BA Datasheet HTML 15Page - Microchip Technology SST26WF080BA Datasheet HTML 16Page - Microchip Technology SST26WF080BA Datasheet HTML 17Page - Microchip Technology SST26WF080BA Datasheet HTML 18Page - Microchip Technology SST26WF080BA Datasheet HTML 19Page - Microchip Technology SST26WF080BA Datasheet HTML 20Page - Microchip Technology SST26WF080BA Datasheet HTML 21Page - Microchip Technology SST26WF080BA Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 18
 2014-2017 Microchip Technology Inc.
5.7
SPI Quad-Output Read
The SPI Quad-Output Read instruction supports up to
104
MHz
frequency.
SST26WF040B
and
SST26WF080B requires the IOC bit in the configura-
tion register to be set to ‘1’ prior to executing the com-
mand. Initiate SPI Quad-Output Read by executing an
8-bit command, 6BH, followed by address bits A[23-0]
and a dummy byte. CE# must remain active low for the
duration of the SPI Quad Mode Read. See Figure 5-8
for the SPI Quad Output Read sequence.
Following the dummy byte, the device outputs data
from SIO[3:0] starting from the specified address loca-
tion. The device continually streams data output
through all addresses until terminated by a low-to-high
transition on CE#. The internal address pointer auto-
matically increments until the highest memory address
is reached, at which point the address pointer returns
to the beginning of the address space.
FIGURE 5-8:
SPI QUAD OUTPUT READ
CE#
SIO0
SCK
012345678
31 32
24
MODE 3
MODE 0
15 16
23
6BH
20005283 F48.3
39 40 41
A[23:16]
A[15:8]
A[7:0]
b4 b0
b4 b0
b5 b1
b5 b1
b6 b2
b6 b2
b7 b3
b7 b3
SIO1
SIO2
SIO3
Address
OP Code
Data
Byte 0
Dummy
Data
Byte N
X
Note: MSN= Most Significant Nibble, LSN = Least Significant Nibble



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com