Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080BA Datasheet(PDF) 46 Page - Microchip Technology

No. de pieza SST26WF080BA
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080BA Datasheet(HTML) 46 Page - Microchip Technology

Back Button SST26WF080BA Datasheet HTML 42Page - Microchip Technology SST26WF080BA Datasheet HTML 43Page - Microchip Technology SST26WF080BA Datasheet HTML 44Page - Microchip Technology SST26WF080BA Datasheet HTML 45Page - Microchip Technology SST26WF080BA Datasheet HTML 46Page - Microchip Technology SST26WF080BA Datasheet HTML 47Page - Microchip Technology SST26WF080BA Datasheet HTML 48Page - Microchip Technology SST26WF080BA Datasheet HTML 49Page - Microchip Technology SST26WF080BA Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 46
 2014-2017 Microchip Technology Inc.
FIGURE 8-2:
SERIAL INPUT TIMING DIAGRAM
FIGURE 8-3:
SERIAL OUTPUT TIMING DIAGRAM
FIGURE 8-4:
RESET TIMING DIAGRAM
TABLE 8-2:
RESET TIMING PARAMETERS
TR(i)
Parameter
Minimum
Maximum
Units
TR(o)
Reset to Read (non-data operation)
20
ns
TR(p)
Reset Recovery from Program or Suspend
100
µs
TR(e)
Reset Recovery from Erase
1
ms
CE#
SIO[3:0]
SCK
MSB
LSB
TDS
TDH
TCHH
TCES
TCEH
TCHS
TSCKR
TSCKF
TCPH
20005283 F105.0
20005283 F106.0
CE#
SIO[3:0]
SCK
MSB
TCLZ
TV
TSCKH
TCHZ
TOH
TSCKL
LSB
20005283 F14.0
MODE 3
CLK
SIO(3:0)
CE#
MODE 3
C1
C3 C2
C0
MODE 0
MODE 3
MODE 0
MODE 0
TCPH
Note: C[1:0] = 66H; C[3:2] = 99H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com