Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

790D Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza 790D
Descripción Electrónicos  Resin-Molded, Radial-Lead Solid Tantalum Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

790D Datasheet(HTML) 7 Page - Vishay Siliconix

  790D Datasheet HTML 1Page - Vishay Siliconix 790D Datasheet HTML 2Page - Vishay Siliconix 790D Datasheet HTML 3Page - Vishay Siliconix 790D Datasheet HTML 4Page - Vishay Siliconix 790D Datasheet HTML 5Page - Vishay Siliconix 790D Datasheet HTML 6Page - Vishay Siliconix 790D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.vishay.com
119
790D
Vishay Sprague
Document Number 42072
Revision 26-Mar-02
For technical questions, contact europetantalum@vishay.com
CASE CODE
TAPE WIDTH
DIMENSIONS (mm) /UNITS PER REEL
Pitch of component
P [mm]
12.7
± 1.0
Feed hole pitch
P0 [mm]
12.7
± 0.3
Tape width
W [mm]
18 (+1 / - 0.5)
Hold down tape width
W0 [mm]
5.0
Hole position
W1 [mm]
9 (+0.75 / -0.5)
Hold down tape position
W2 [mm]
0 (+3 /-0)
Feed hole diameter
D0 [mm]
4.0
± 0.3
Tape thickness
T [mm]
0.5
± 0.2
Component alignment
∆h [mm]
0
± 2
Lead clinch height
H0 [mm]
16.0
± 0.5
Hole center to component center
P2 [mm]
6.35
± 1.3
Case A
Case B
Case B
Lead wire spacing
F[mm]
Feed hole center to wire center
P1 [mm]
5.1
± 0.7
3.85
± 0.7
3.85
± 0.7
Reel pack options
H = 16.5 mm
X
X
H = 18.5 mm
Y
Z
Y
Ammopack options
H = 16.5 mm
G
G
H = 18.5 mm
H
I
H
Quantity per reel / box
1000
1000
1000
2.5 + 0.6, - 0.1
5 + 0.6, - 0.1
TAPE AND REEL PACKING
A and B Cases only (Meets IEC 286-2)
REEL PACKING
AMMOPACKING
W2
W0
W1
W
HO
∆h
30 max
H
p
t
P2
P1
F
PO
direction of unreel
SPRAGUE
5 + 0.6, - 0.1
191
201
320 - 330
329 - 331
Ø 20
41 - 45
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com