Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

790D Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza 790D
Descripción Electrónicos  Resin-Molded, Radial-Lead Solid Tantalum Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

790D Datasheet(HTML) 3 Page - Vishay Siliconix

  790D Datasheet HTML 1Page - Vishay Siliconix 790D Datasheet HTML 2Page - Vishay Siliconix 790D Datasheet HTML 3Page - Vishay Siliconix 790D Datasheet HTML 4Page - Vishay Siliconix 790D Datasheet HTML 5Page - Vishay Siliconix 790D Datasheet HTML 6Page - Vishay Siliconix 790D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
115
790D
Vishay Sprague
Document Number 42072
Revision 26-Mar-02
For technical questions, contact europetantalum@vishay.com
STANDARD/EXTENDED RATINGS
MAX. DCL
MAX. DF
MAX. IMPEDANCE
CAPACITANCE
CASE
@ + 25
°C
120Hz, @ + 25
°C
100kHz, @ + 25
°C
C
R
(
µF)
CODE
PART NUMBER
(
µA)
(%)
(OHMS)
U
R =
6.3 Volt @ + 85
°C, SURGE = 8 V
U
C = 4 V @ + 125°C, SURGE = 5 V
6.8
A
790D685X(*)6R3A2(#)
1.0
6
4.0
22.0
A
790D226X(*)6R3A2(#)
1.3
6
2.1
47.0
B
790D476X(*)6R3B2(#)
2.9
6
1.3
68.0
B
790D686X(*)6R3B2(#)
4.2
6
1.3
150.0
C
790D157X(*)6R3C2(#)
9.4
6
0.6
220.0
C
790D227X(*)6R3C2(#)
13.8
6
0.6
330.0
D
790D337X(*)6R3D2(#)
20.7
8
0.4
U
R =
10 Volt @ + 85
°C, SURGE = 13 V
U
C = 6.3 V @ + 125°C, SURGE = 8 V
4.7
A
790D475X(*)010A2(#)
1.0
6
4.0
15.0
A
790D156X(*)010A2(#)
1.5
6
2.5
33.0
B
790D336X(*)010B2(#)
3.3
6
1.3
47.0
B
790D476X(*)010B2(#)
4.7
6
1.4
68.0
B
790D686X(*)010B2(#)
6.8
6
1.3
100.0
C
790D107X(*)010C2(#)
10.0
6
0.6
150.0
C
790D157X(*)010C2(#)
15.0
6
0.6
220.0
D
790D227X(*)010D2(#)
22.0
8
0.4
U
R =
16 Volt @ + 85
°C, SURGE = 20 V
U
C = 10 V @ + 125°C, SURGE = 13 V
2.2
A
790D225X(*)016A2(#)
1.0
6
5.5
3.3
A
790D335X(*)016A2(#)
1.0
6
4.4
10.0
A
790D106X(*)016A2(#)
1.6
6
2.7
15.0
B
790D156X(*)016B2(#)
2.4
6
1.6
22.0
B
790D226X(*)016B2(#)
3.5
6
1.3
33.0
B
790D336X(*)016B2(#)
5.2
6
1.6
47.0
C
790D476X(*)016C2(#)
7.5
6
0.8
68.0
C
790D686X(*)016C2(#)
10.8
6
0.6
100.0
C
790D107X(*)016C2(#)
16.0
6
0.7
100.0
D
790D107X(*)016D2(#)
16.0
6
0.5
U
R =
20 Volt @ + 85
°C, SURGE = 26 V
U
C = 13 V @ + 125°C, SURGE = 16 V
2.2
A
790D225X(*)020A2(#)
1.0
6
5.5
6.8
A
790D685X(*)020A2(#)
1.3
6
3.5
15.0
B
790D156X(*)020B2(#)
3.0
6
1.5
22.0
B
790D226X(*)020B2(#)
4.4
6
2.1
47.0
C
790D476X(*)020C2(#)
9.4
6
0.7
68.0
C
790D686X(*)020C2(#)
13.6
6
0.8
Extended Ratings in bold print.
(*)Insert 0 for
± 20% tolerance or 9 for ± 10%
(#)See order information, packaging code
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com