Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM2931AD50 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza LM2931AD50
Descripción Electrónicos  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931AD50 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM2931AD50 Datasheet HTML 4Page - STMicroelectronics LM2931AD50 Datasheet HTML 5Page - STMicroelectronics LM2931AD50 Datasheet HTML 6Page - STMicroelectronics LM2931AD50 Datasheet HTML 7Page - STMicroelectronics LM2931AD50 Datasheet HTML 8Page - STMicroelectronics LM2931AD50 Datasheet HTML 9Page - STMicroelectronics LM2931AD50 Datasheet HTML 10Page - STMicroelectronics LM2931AD50 Datasheet HTML 11Page - STMicroelectronics LM2931AD50 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM2931 SERIES
8/19
ELECTRICAL CHARACTERISTICS OF LM2931ADJ (refer to the test circuits figure 2 with R1 = 27KΩ
and R2 = 40.5KΩ,TJ = 25°C, CI =0.1 µF, CO = 100 µF, VI =14V, IO = 10mA, VINH = 0V, unless otherwise
specified).
Note 1: Reference Voltage is measured from VOUT to ADJ pin.
Note 2: Vd measured when the output voltage has dropped 100mV from the nominal value obtained at 14V.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Maximum Operating Input
Voltage
IO =10 mA
TJ = -40 to 125°C
26
37
V
VREF
Reference Voltage (Note 1)
1.14
1.2
1.26
V
VREF
Reference Voltage (Note 1) IO = 100 mA
TJ = -40 to 125°C
1.08
1.2
1.32
V
∆V
O
Line Regulation
VI = 3.6 to 26 V
0.6
4.5
mV
∆V
O
Load Regulation
IO = 5 to 100 mA
9
30
mV
Vd
Dropout Voltage (Note 1, 2) IO =10 mA
90
200
mV
IO = 100 mA
250
600
Id
Quiescent Current
ON MODE
IO = 100 mA
2.5
30
mA
OFF MODE
VINH =2.5 V
RLOAD = 300 Ω
0.31mA
ISC
Short Circuit Current
100
300
mA
SVR
Supply Voltage Rejection
IO = 100 mA
VI =14± 2V
f=120Hz
TJ = -40 to 125°C
55
80
dB
VIL
Control Input Voltage Low
TJ = -40 to 125°C
2
1.2
V
VIH
Control Input Voltage High
TJ = -40 to 125°C
3.25
2
V
IINH
Inhibit Input Current
VINH =2.5 V
22
50
µA
VI
Transient Input Voltage
RLOAD = 300 Ωτ < 100ms
60
70
V
VI
Reverse Polarity Input
Voltage
VO =± 0.3V
RLOAD = 300 Ω
-15
-50
V
VI
Reverse Polarity Input
Voltage Transient
RLOAD = 300 Ωτ < 100ms
-50
V
eN
Output Noise Voltage
B =10 Hz to 100 KHz
330
µV
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com