Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM2931AD50 Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza LM2931AD50
Descripción Electrónicos  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2931AD50 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LM2931AD50 Datasheet HTML 8Page - STMicroelectronics LM2931AD50 Datasheet HTML 9Page - STMicroelectronics LM2931AD50 Datasheet HTML 10Page - STMicroelectronics LM2931AD50 Datasheet HTML 11Page - STMicroelectronics LM2931AD50 Datasheet HTML 12Page - STMicroelectronics LM2931AD50 Datasheet HTML 13Page - STMicroelectronics LM2931AD50 Datasheet HTML 14Page - STMicroelectronics LM2931AD50 Datasheet HTML 15Page - STMicroelectronics LM2931AD50 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LM2931 SERIES
12/19
Figure 19 : Load Transient
VI =14V, IO = 100mA, TJ = 25°C, CI =0.1µF, CO = 100µF,
Rise Time = 500ns, Fall-Time = 1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com