Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT5MP Datasheet(PDF) 19 Page - REAN

No. de pieza RT5MP
Descripción Electrónicos  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REAN [REAN]
Página de inicio  https://www.rean-connectors.com/
Logo REAN - REAN

RT5MP Datasheet(HTML) 19 Page - REAN

Back Button RT5MP Datasheet HTML 15Page - REAN RT5MP Datasheet HTML 16Page - REAN RT5MP Datasheet HTML 17Page - REAN RT5MP Datasheet HTML 18Page - REAN RT5MP Datasheet HTML 19Page - REAN RT5MP Datasheet HTML 20Page - REAN RT5MP Datasheet HTML 21Page - REAN RT5MP Datasheet HTML 22Page - REAN RT5MP Datasheet HTML 23Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
Patch
Box
&
Stage
Boxes
Patch
Box
&
Stage
Boxes
Or dering Information
Patch box
NYS-SSR-8
1/4" patch box with 8 send/return moduls (split print)
Stage boxes – type A
NSB1A-8/4
Length 1, 8 IN (female/send) and 4 OUT (male/return)
NSB2A-12/4
Length 2, 12 IN (female/send) and 4 OUT (male/return)
NSB2A-20/4
Length 2, 20 IN (female/send) and 4 OUT (male/return)
NSB3A-32/4
Length 3, 32 IN (female/send) and 4 OUT (male/return)
NSB4A-40/4
Lenght 4, 40 IN (female/send) and 4 OUT (male/return)
NSB4A-40/8
Lenght 4, 40 IN (female/send) and 8 OUT (male/return)
Stage boxes – type B
NSB1B-8/0
Length 1, 8 IN (female/send)
NSB2B-12/4
Length 2, 12 IN (female/send) and 4 OUT (male/return)
NSB2B-16/0
Length 2, 16 IN (female/send)
NSB3B-20/4
Length 3, 20 IN (female/send) and 4 OUT (male/return)
Stage boxes – type C
NSB1C-8/0
Length 1, 8 IN (female/send)
NSB2C-12/4
Length 2, 12 IN (female/send) and 4 OUT (male/return)
NSB3C-20/4
Length 3, 20 IN (female/send) and 4 OUT (male/return)
(Supplied as disassembled set comprising of all hardware parts including plates, profiles, strain relief, endpieces and screws.)
Specification
1/4" patch box
Stage boxes
Electrical
Rated current
depends on mating connector
•
2 A
Contact resistance
depends on mating connector
•
< 5 m
Ω
Insulation resistance
≥ 1 GΩ
≥ 1 GΩ
Dielectric strength
500 V dc
500 V dc
Mechanical
Lifetime
> 10'000 mating cycles
> 1'000 mating cycles
Insertion/withdrawal force
≤ 10 N/≥ 10 N
≤ 10 N/≥ 10 N
Multicore cable O.D.
–
15/20 mm
Applicable wire size
–
0.22 mm²/24 AWG and 0.14 mm²/26 AWG
Operating temperature
-25°C to + 70°C
-25°C to + 70°C
Material
Housing
Aluminium
Aluminium
Quad plates
–
POM
End pieces
Thermoplastic
Thermoplastic
Contacts
Brass/Bronze
Ni plated
Au plated
Part number coding:
B .... black handle
G.... gold plated contacts
AG .... all gold, gold plated contacts and shell
BG ... black handle, gold plated contacts
S .... silent switch
GT .... gold plated tip contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com