Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RT5MP Datasheet(PDF) 5 Page - REAN

No. de pieza RT5MP
Descripción Electrónicos  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REAN [REAN]
Página de inicio  https://www.rean-connectors.com/
Logo REAN - REAN

RT5MP Datasheet(HTML) 5 Page - REAN

  RT5MP Datasheet HTML 1Page - REAN RT5MP Datasheet HTML 2Page - REAN RT5MP Datasheet HTML 3Page - REAN RT5MP Datasheet HTML 4Page - REAN RT5MP Datasheet HTML 5Page - REAN RT5MP Datasheet HTML 6Page - REAN RT5MP Datasheet HTML 7Page - REAN RT5MP Datasheet HTML 8Page - REAN RT5MP Datasheet HTML 9Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
TINY
xlr
TINY
xlr
Specification
Cable connectors
RT*FC-B*/RT*MC-B*
Screw locking
RT*FCT-B*
Electrical
Rated current per contact
< 5 A
< 5 A
Contact resistance
< 5 m
Ω
< 5 m
Ω
Insulation resistance
> 1 G
Ω
> 1 G
Ω
Dielectric strength
> 500 V rms
> 500 V rms
Mechanical
Lifetime
> 1'000 mating cycles
> 1'000 mating cycles
Cable O.D. range
2.0 – 4.5 mm
2.0 – 4.5 mm
Wiring
solder contacts
solder contacts
Max. wire size
0.22 mm² / 24 AWG
0.22 mm²/24 AWG
Material
Bushing
ABS
ABS
Contacts
female CuSn6
/ male CuZn39Pb3
CuSn6
Contact plating
Au plated
Au plated
Insert
PA 6 30% GR
PA 6 30% GR
Shell (housing)
ZnAl4Cu1
ZnAl4Cu1
Shell plating
black
black
Strain relief
PVC
PVC
Protection boot
EPDM
–
Locking nut
–
Al, black anodized
Environment
Operating temperature
-30°C to +85°C
-30°C to +85°C
Solderability
complies with IEC68-2-20
complies with IEC68-2-20
Or dering Information
Type No.
Description
Cable connectors
Female
Male
RT3FC-B
RT3MC-B
3 pole TINY cable connector, black metal shell, gold plated contacts
RT4FC-B
RT4MC-B
4 pole TINY cable connector, black metal shell, gold plated contacts
RT5FC-B
RT5MC-B
5 pole TINY cable connector, black metal shell, gold plated contacts
RT*FC-B-D
RT*MC-B-D
TINY cable connector, black metal shell, gold plated contacts; bulk packed, to be ordered in multiples of 100 pcs.
Cable connectors female water resistant
RT3FC-B-W
3 pole TINY female cable connector, black metal shell, water resistant boot, gold plated contacts
RT4FC-B-W
4 pole TINY female cable connector, black metal shell, water resistant boot, gold plated contacts
RT5FC-B-W
5 pole TINY female cable connector, black metal shell, water resistant boot, gold plated contacts
RT*FC-B-W-D
TINY female cable connector, black metal shell, water resistant boot, gold plated contacts; bulk packed,
to be ordered in multiples of 100 pcs.
Cable connectors female screw locking
RT3FCT-B
3 pole TINY female cable connector with screw locking, black metal shell & nut, gold plated contacts
RT4FCT-B
4 pole TINY female cable connector with screw locking, black metal shell & nut, gold plated contacts
RT5FCT-B
5 pole TINY female cable connector with screw locking, black metal shell & nut, gold plated contacts
RT*FCT-B-D
TINY female cable connector with screw locking, black metal shell & nut, gold plated contacts; bulk packed,
to be ordered in multiples of 100 pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com