| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705JJ7GRS/D Datasheet(PDF) 227 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D Datasheet(HTML) 227 Page - NXP Semiconductors |
|
227 / 230 page ![]() Ordering Information MC68HC705JP7 Order Numbers MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Ordering Information 17.4 MC68HC705JP7 Order Numbers The following table shows the MC order numbers for the available 28-pin package types 1. Crystal/Ceramic Resonator or RC Oscillator 2. Plastic Dual In-Line Package (P, Case Outline 710) 3. Small Outline Integrated Circuit Package (DW, Case Outline 751F) 4. Windowed Ceramic Dual In-Line Package (S, Case Outline 733A) Package Type EPO Oscill. Type(1) LPO Freq. (kHz) Operating Temperature Range Order Number Plastic DIP(2) Xtal 100 –40 to 85 °C MC68HC705JP7CP SOIC(3) Xtal 100 –40 to 85 °C MC68HC705JP7CDW CERDIP(4) Xtal 100 –40 to 85 °C MC68HC705JP7CS Plastic DIP RC 100 –40 to 85 °C MC68HRC705JP7CP SOIC RC 100 –40 to 85 °C MC68HRC705JP7CDW CERDIP RC 100 –40 to 85 °C MC68HRC705JP7CS Plastic DIP Xtal 500 –40 to 85 °C MC68HC705SP7CP SOIC Xtal 500 –40 to 85 °C MC68HC705SP7CDW CERDIP Xtal 500 –40 to 85 °C MC68HC705SP7CS Plastic DIP RC 500 –40 to 85 °C MC68HRC705SP7CP SOIC RC 500 –40 to 85 °C MC68HRC705SP7CDW CERDIP RC 500 –40 to 85 °C MC68HRC705SP7CS Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |