Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PESD24VL1BA Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza PESD24VL1BA
Descripción Electrónicos  Low capacitance bidirectional ESD protection diodes in
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD24VL1BA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD24VL1BA Datasheet HTML 4Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 5Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 6Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 7Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 8Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 9Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 10Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 11Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
9397 750 13595
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 4 October 2004
8 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
(1) PESD3V3L1BA; PESD5V0L1BA.
For PESD12VL1BA, PESD15VL1BA and PESD24VL1BA, IRM < 20 nA at 150 °C.
Fig 7.
Relative variation of reverse leakage current as a function of junction temperature; typical values.
006aaa069
1
10
10−1
Tj (°C)
−100
150
100
050
−50
IRM
IRM(25°C)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com