Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PESD24VL1BA Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza PESD24VL1BA
Descripción Electrónicos  Low capacitance bidirectional ESD protection diodes in
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD24VL1BA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESD24VL1BA Datasheet HTML 5Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 6Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 7Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 8Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 9Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 10Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 11Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 12Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9397 750 13595
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 4 October 2004
9 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
Fig 8.
ESD clamping test set-up and waveforms.
006aaa070
50
RZ
CZ
1
2
DUT: PESDxL1BA
vertical scale = 200 V/div
horizontal scale = 50 ns/div
unclamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
unclamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 20 V/div; horizontal scale = 50 ns/div
vertical scale = 20 V/div; horizontal scale = 50 ns/div
GND
GND
450
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
PESD3V3L1BA
PESD5V0L1BA
PESD12VL1BA
PESD15VL1BA
PESD24VL1BA
PESD3V3L1BA
PESD5V0L1BA
PESD12VL1BA
PESD15VL1BA
PESD24VL1BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com