| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32G0C1VCU6X Datasheet(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1VCU6X Datasheet(HTML) 96 Page - STMicroelectronics |
|
96 / 159 page ![]() Electrical characteristics STM32G0C1xC/xE 96/159 DS13564 Rev 4 All I/Os are CMOS- and TTL-compliant (no software configuration required). Their characteristics cover more than the strict CMOS-technology or TTL parameters, as shown in Figure 24. Figure 24. I/O input characteristics Characteristics of FT_e I/Os The following table and figure specify input characteristics of FT_e I/Os. 4. This value represents the pad leakage of the I/O itself. The total product pad leakage is provided by this formula: ITotal_Ileak_max = 10 µA + [number of I/Os where VIN is applied on the pad] ₓ Ilkg(Max). 5. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This PMOS/NMOS contribution to the series resistance is minimal (~10% order). MSv47925V1 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 0 0.5 1 1.5 2 2.5 3 Minimum required logic level 1 zone Minimum required logic level 0 zone VIHmin = 0.7 VDDIO (CMOS standard requirement) VILmax = 0.3 VDDIO (CMOS standard requirement) Undefined input range VIHmin = 0.49 VDDIO + 0.26 VILmax = 0.39 VDDIO - 0.06 VIN (V) VDDIO (V) TTL standard requirement TTL standard requirement Device characteristics Test thresholds Table 56. Input characteristics of FT_e I/Os Symbol Parameter Conditions Min Typ Max Unit IINJ Injected current on pin - - - 5 mA VDDIO1-VIN Voltage over VDDIO1 IINJ = 5 mA - - 2 V Rd Diode dynamic serial resistor IINJ = 5 mA - - 300 Ω |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |