| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32G0C1VCU6X Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0C1VCU6X Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 159 page ![]() DS13564 Rev 4 31/159 STM32G0C1xC/xE Functional overview 36 Features of LPTIM1 and LPTIM2: • 16-bit up counter with 16-bit autoreload register • 16-bit compare register • Configurable output (pulse, PWM) • Continuous/one-shot mode • Selectable software/hardware input trigger • Selectable clock source: – Internal: LSE, LSI, HSI16 or APB clocks – External: over LPTIM input (working even with no internal clock source running, used by pulse counter application) • Programmable digital glitch filter • Encoder mode 3.20.5 Independent watchdog (IWDG) The independent watchdog is based on an 8-bit prescaler and 12-bit downcounter with user-defined refresh window. It is clocked from an independent 32 kHz internal RC (LSI). Independent of the main clock, it can operate in Stop and Standby modes. It can be used either as a watchdog to reset the device when a problem occurs, or as a free-running timer for application timeout management. It is hardware- or software-configurable through the option bytes. Its counter can be frozen in debug mode. 3.20.6 System window watchdog (WWDG) The window watchdog is based on a 7-bit downcounter that can be set as free-running. It can be used as a watchdog to reset the device when a problem occurs. It is clocked by the system clock. It has an early-warning interrupt capability. Its counter can be frozen in debug mode. 3.20.7 SysTick timer This timer is dedicated to real-time operating systems, but it can also be used as a standard down counter. Features of SysTick timer: • 24-bit down counter • Autoreload capability • Maskable system interrupt generation when the counter reaches 0 • Programmable clock source 3.21 Real-time clock (RTC), tamper (TAMP) and backup registers The device embeds an RTC and five 32-bit backup registers, located in the RTC domain of the silicon die. The ways of powering the RTC domain are described in Section 3.7.6. The RTC is an independent BCD timer/counter. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |