Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ERTEC Datasheet(PDF) 8 Page - Renesas Technology Corp

No. de pieza ERTEC
Descripción Electrónicos  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 4Page - Renesas Technology Corp ERTEC Datasheet HTML 5Page - Renesas Technology Corp ERTEC Datasheet HTML 6Page - Renesas Technology Corp ERTEC Datasheet HTML 7Page - Renesas Technology Corp ERTEC Datasheet HTML 8Page - Renesas Technology Corp ERTEC Datasheet HTML 9Page - Renesas Technology Corp ERTEC Datasheet HTML 10Page - Renesas Technology Corp ERTEC Datasheet HTML 11Page - Renesas Technology Corp ERTEC Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
8
Data Sheet A17989EE2V0DS00
µPD800261
T4
D27
V15
LBU_D13/SMI_MDIO
T5
leave open
V16
LBU_D14/RES_PHY_N
T6
GND Core
V17
GND IO
T17
DGND4
V18
VDD Core
T18
GND (PECL)
V19
P2SDxP
T19
GND (PECL)
V21
VDDQ (PECL)
T21
VDD Core
V22
GNDNote
T22
GNDNote
W1
D9
U1
D6
W2
D10
U2
D7
W4
D29
U4
D28
W5
D30
U5
GND IO
W6
D31
U6
VDD Core
W7
TCK
U7
GND IO
W8
TAP_SEL
U8
VDD Core
W9
LBU_A16/GPIO32
U9
TDI
W10
LBU_A17/GPIO33
U10
TRST_N
W11
LBU_A15/COL_P2
U13
LBU_SEG_1/GPIO38
W12
LBU_A19/GPIO35
U14
LBU_CS_M_N/GPIO40
W13
VDD Core
U15
GND IO
W14
LBU_D12/SMI_MDC
U16
GND Core
W15
LBU_D1/TXD_P11
U17
VDD Core
W16
LBU_D15/GPIO41
U18
P2SDxN
W17
VDD Core
U19
leave open
W18
LBU_IRQ1_N/GPIO44
U21
P2RDxN
W19
LBU_RDY_N/GPIO42
U22
P2RDxP
W21
P2TDxN
V1
BE1_DQM1_N
W22
VDD IO
V2
D8
Y1
VDD IO
V4
VDD Core
Y2
D11
V5
VDD Core
Y21
P2TDxP
V6
GND Core
Y22
VDD IO
V7
TMS
AA1
D12
V8
SRST_N
AA2
D13
V9
TDO
AA3
D15
V10
LBU_A18/GPIO34
AA4
LBU_A1/RXD_P11/ETMEXTIN1
V11
GND Core
AA5
LBU_A2/RXD_P12/TRACEPKT7
V12
LBU_A20/GPIO36
AA6
LBU_A4/CRS_P1/TRACEPKT5
V13
LBU_SEG_0/GPIO37
AA7
LBU_A6/RX_DV_P1/TRACEPKT3
V14
GND Core
AA8
LBU_A8/RXD_P20/TRACEPKT1
Note: Connect to GND to improve heat dissipation; pins may as well be left open.
(4/5)
Pin
Number
Pin Name
Pin
Number
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com