| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P83C652IFA Datasheet(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83C652IFA Datasheet(HTML) 4 Page - NXP Semiconductors |
|
4 / 22 page ![]() Phlips Semiconductors Product specification 80C652/83C652 CMOS single-chip 8-bit microcontrollers 1997 Dec 05 4 ORDER INFORMATION PHILIPS PART ORDER NUMBER PART MARKING PHILIPS NORTH AMERICA PART ORDER NUMBER TEMPERATURE RANGE ( °C) FREQ MH 12 ROMless ROM3 Drawing Number ROMless ROM EPROM2 ( ) AND PACKAGE MHz1,2 P80C652EBP P83C652EBP/xxx SOT129-1 P80C652EBPN P83C652EBPN S87C652-4N40 0 to +70, Plastic Dual In-line Package 16 P80C652EBA P83C652EBA/xxx SOT187-2 P80C652EBAA P83C652EBAA S87C652-4A44 0 to +70, Plastic Leaded Chip Carrier 16 P80C652EBB P83C652EBB/xxx SOT307-2 P80C652EBBB P83C652EBBB S87C652-4B44 0 to +70, Plastic Quad Flat Pack 16 P80C652EFP P83C652EFP/xxx SOT129-1 P80C652EFPN P83C652EFPN S87C652-5N40 –40 to +85, Plastic Dual In-line Package 16 P80C652EFA P83C652EFA/xxx SOT187-2 P80C652EFAA P83C652EFAA S87C652-5A44 –40 to +85, Plastic Leaded Chip Carrier 16 P80C652EFB P83C652EFB/xxx SOT307-2 P80C652EFBB P83C652EFBB S87C652-5B44 –40 to +85, Plastic Quad Flat Pack 16 P80C652EHP P83C652EHP/xxx SOT129-1 P80C652EHPN P83C652EHPN –40 to +125, Plastic Dual In-line Package 16 P80C652EHA P83C652EHA/xxx SOT187-2 P80C652EHAA P83C652EHAA –40 to +125, Plastic Leaded Chip Carrier 16 P80C652EHB P83C652EHB/xxx SOT307-2 P80C652EHBB P83C652EHBB –40 to +125, Plastic Quad Flat Pack 16 P80C652IBP P83C652IBP/xxx SOT129-1 P80C652IBPN P83C652IBPN 0 to +70, Plastic Dual In-line Package 24 P80C652IBA P83C652IBA/xxx SOT187-2 P80C652IBAA P83C652IBAA 0 to +70, Plastic Leaded Chip Carrier 24 P80C652IBB P83C652IBB/xxx SOT307-2 P80C652IBBB P83C652IBBB 0 to +70, Plastic Quad Flat Pack 24 P80C652IFP P83C652IFP/xxx SOT129-1 P80C652IFPN P83C652IFPN –40 to +85, Plastic Dual In-line Package 24 P80C652IFA P83C652IFA/xxx SOT187-2 P80C652IFAA P83C652IFAA –40 to +85, Plastic Leaded Chip Carrier 24 P80C652IFB P83C652IFB/xxx SOT307-2 P80C652IFBB P83C652IFBB –40 to +85, Plastic Quad Flat Pack 24 NOTES: 1. 80C652 and 83C652 frequency range is 3.5MHz–16MHz or 3.5MHz–24MHz. 2. For specification of the EPROM version, see the 87C652 data sheet. 3. xxx denotes the ROM code number. |