Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P83C652IFA Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza P83C652IFA
Descripción Electrónicos  CMOS single-chip 8-bit microcontrollers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C652IFA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P83C652IFA Datasheet HTML 7Page - NXP Semiconductors P83C652IFA Datasheet HTML 8Page - NXP Semiconductors P83C652IFA Datasheet HTML 9Page - NXP Semiconductors P83C652IFA Datasheet HTML 10Page - NXP Semiconductors P83C652IFA Datasheet HTML 11Page - NXP Semiconductors P83C652IFA Datasheet HTML 12Page - NXP Semiconductors P83C652IFA Datasheet HTML 13Page - NXP Semiconductors P83C652IFA Datasheet HTML 14Page - NXP Semiconductors P83C652IFA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
11
NOTES FOR DC ELECTRICAL CHARACTERISTICS:
1. See Figures 9 through 11 for IDD test conditions.
2. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 5ns;
VIL = VSS + 0.5V; VIH = VDD –0.5V; XTAL2 not connected; EA = RST = Port 0 = P1.6 = P1.7 = VDD. See Figure 9.
3. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 5ns; VIL = VSS + 0.5V;
VIH = VDD –0.5V; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VDD; EA = RST = VSS. See Figure 10.
4. The power-down current is measured with all output pins disconnected; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VDD;
EA = RST = VSS. See Figure 11.
5. 2V
≤ VPD ≤ VDDmax.
6. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so an input voltage below 0.3VDD will be recognized as a
logic 0 while an input voltage above 0.7VDD will be recognized as a logic 1.
7. Pins of ports 1 , 2, and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
8. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input.
9. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL = 10mA per port pin; Maximum
IOL = 26mA total for Port 0; Maximum IOL = 15mA total for Ports 1, 2, and 3; Maximum IOL = 71mA total for all output pins. If IOL exceeds the
test conditions, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions.
10. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VDD specification when the
address bits are stabilizing.
11. IDDMAX for other frequencies can be derived from Figure 1, where FREQ is the external oscillator frequency in MHz. IDDMAX is given in mA.
40
30
20
10
0
04
8
12
16
(1) MAXIMUM OPERATING MODE: VDD = VDDmax
(2) MAXIMUM IDLE MODE: VDD = VDDmax
fXTAL1 (MHz)
IDD
(mA)
Figure 1. IDD vs. Frequency
40
30
20
10
0
0
4
812
16
(2)
(1)
24
50
IDD
(mA)
fXTAL1 (MHz)
These values are valid within the specified
frequency range.
(1) MAXIMUM OPERATING MODE: VDD = VDDmax
(2) MAXIMUM IDLE MODE: VDD = VDDmax
These values are valid within the specified
frequency range.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com