Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PDTC144WS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

No. de pieza PDTC144WS
Descripción Electrónicos  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144WS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTC144WS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Número de pieza similar - PDTC144WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PDTC144WS PHILIPS-PDTC144WS Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PDTC144WS PHILIPS-PDTC144WS Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144WS NXP-PDTC144WS Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144WS PHILIPS-PDTC144WS Datasheet
189Kb / 14P
NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144WS NEXPERIA-PDTC144WS Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
More results

Descripción similar - PDTC144WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
PDTC124X_SER NEXPERIA-PDTC124X_SER Datasheet
260Kb / 13P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC144V_SER NEXPERIA-PDTC144V_SER Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTC144W_SERIES NEXPERIA-PDTC144W_SERIES Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PDTA144W_SERIES NEXPERIA-PDTA144W_SERIES Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
PUMD12-Q NEXPERIA-PUMD12-Q Datasheet
277Kb / 15P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
16 December 2021
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PQMD12 NEXPERIA-PQMD12 Datasheet
689Kb / 14P
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
8 July 2015
PDTC144T_SER NEXPERIA-PDTC144T_SER Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PIMH9 NEXPERIA-PIMH9 Datasheet
221Kb / 11P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com