Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PDTC144WS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

No. de pieza PDTC144WS
Descripción Electrónicos  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144WS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTC144WS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144WS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2004 Mar 23
2004 Aug 17
DISCRETE SEMICONDUCTORS
PDTC144W series
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com