Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EVAL-ADV7340EBZ Datasheet(PDF) 38 Page - Analog Devices

No. de pieza EVAL-ADV7340EBZ
Descripción Electrónicos  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADV7340EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button EVAL-ADV7340EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 38 of 88
Table 25. Register 0x80 to Register 0x83
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
0
NTSC.
0x10
0
1
PAL B/D/G/H/I.
1
0
PAL M.
SD Standard.
1
1
PAL N.
0
0
0
LPF NTSC.
0
0
1
LPF PAL.
0
1
0
Notch NTSC.
0
1
1
Notch PAL.
1
0
0
SSAF luma.
1
0
1
Luma CIF.
1
1
0
Luma QCIF.
SD Luma Filter.
1
1
1
Reserved.
0
0
0
1.3 MHz.
0
0
1
0.65 MHz.
0
1
0
1.0 MHz.
0
1
1
2.0 MHz.
1
0
0
Reserved.
1
0
1
Chroma CIF.
1
1
0
Chroma QCIF.
0x80
SD Mode
Register 1
SD Chroma Filter.
1
1
1
3.0 MHz.
0
Disabled.
SD PrPb SSAF.
1
Enabled.
0x0B
0
SD DAC Output 1.
1
Refer to
Table 32 in the Output
Configuration section.
0
SD DAC Output 2.
1
Refer to
Table 32 in the Output
Configuration section.
0
Disabled.
SD Pedestal.
1
Enabled.
0
Disabled.
SD Square Pixel Mode.
1
Enabled.
0
Disabled.
SD VCR FF/RW Sync.
1
Enabled.
0
Disabled.
SD Pixel Data Valid.
1
Enabled.
0
Disabled.
0x82
SD Mode
Register 2
SD Active Video Edge
Control.
1
Enabled.
0
No pedestal on YPrPb.
SD Pedestal on YPrPb
Output.
1
7.5 IRE pedestal on YPrPb.
0x04
0
Y = 700 mV/300 mV.
SD Output Levels Y.
1
Y = 714 mV/286 mV.
0
0
700 mV p-p (PAL), 1000 mV p-p (NTSC).
0
1
700 mV p-p.
1
0
1000 mV p-p.
SD Output Levels PrPb.
1
1
648 mV p-p.
0
Disabled.
SD VBI Open.
1
Enabled.
0
0
Closed captioning disabled.
0
1
Closed captioning on odd field only.
1
0
Closed captioning on even field only.
SD Closed Captioning
Field Control.
1
1
Closed captioning on both fields.
0x83
SD Mode
Register 3
Reserved.
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com