Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EVAL-ADV7340EBZ Datasheet(PDF) 47 Page - Analog Devices

No. de pieza EVAL-ADV7340EBZ
Descripción Electrónicos  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADV7340EBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button EVAL-ADV7340EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 47 of 88
Whether the ED/HD Y data is clocked in upon the rising or
falling edge of CLKIN_B is determined by Subaddress 0x01,
Bits[2:1] (See the input sequence shown in Figure 52 and
Figure 53).
CLKIN_A
CLKIN_B
S[9:0]
C[9:0]
Y[9:0]
ED
DECODER
S_VSYNC,
S_HSYNC
P_VSYNC,
P_HSYNC,
P_BLANK
27MHz
10
CrCb
CrCb
10
Y
3
2
YCrCb
27MHz
10
SD
DECODER
525p
OR
625p
ADV7340/
ADV7341
Figure 55. Simultaneous SD and ED Example Application
CLKIN_A
CLKIN_B
S[9:0]
C[9:0]
Y[9:0]
HD
DECODER
S_VSYNC,
S_HSYNC
P_VSYNC,
P_HSYNC,
P_BLANK
74.25MHz
10
CrCb
10
Y
3
2
YCrCb
27MHz
10
SD
DECODER
1080i
OR
720p
OR
1035i
ADV7340/
ADV7341
Figure 56. Simultaneous SD and HD Example Application
ENHANCED DEFINITION ONLY (AT 54 MHz)
Subaddress 0x01, Bits[6:4] = 111
Enhanced definition (ED) YCrCb data can be input in an
interleaved 4:2:2 format on an 8-/10-bit bus at a rate of 54 MHz.
A 54 MHz clock signal must be provided on the CLKIN_A pin.
Input synchronization signals are provided on the P_HSYNC,
P_VSYNC, and P_BLANK pins.
The interleaved pixel data is input on Pin Y9 to Pin Y2/Y0, with
Y0 being the LSB in 10-bit input mode.
3FF
00
00
XY
Cb0
Y0
Y1
Cr0
CLKIN_A
Y9–Y0
Figure 57. ED Only (at 54 MHz) Input Sequence (EAV/SAV)
MPEG2
DECO
DER
CLKIN_A
Y[9:0]
54MHz
P_VSYNC,
P_HSYNC,
P_BLANK
YCrCb
10
YCrCb
3
INTERLACED TO
PROGRESSIVE
ADV7340/
ADV7341
Figure 58. ED Only (at 54 MHz) Example Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com