Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TFEEF5ST104AC Datasheet(PDF) 3 Page - ITT Industries

No. de pieza TFEEF5ST104AC
Descripción Electrónicos  Miniature Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

TFEEF5ST104AC Datasheet(HTML) 3 Page - ITT Industries

  TFEEF5ST104AC Datasheet HTML 1Page - ITT Industries TFEEF5ST104AC Datasheet HTML 2Page - ITT Industries TFEEF5ST104AC Datasheet HTML 3Page - ITT Industries TFEEF5ST104AC Datasheet HTML 4Page - ITT Industries TFEEF5ST104AC Datasheet HTML 5Page - ITT Industries TFEEF5ST104AC Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K–7
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K TF Series
Miniature Snap-acting Switches
ELECTRICAL RATING
MOUNTING STYLE
S STANDARD
For 4-40 screw size
First number represents resistive
rating; second number represents
inductive (motor) rating.
10(3)
Cycles over 10,000 at rated current.
10E3
Cycles over 50,000 at rated current.
50E3
Maximum rated use temperature.
T_ _
Alternating current.
~
Microgap construction
(less than 3 mm).
m
INTERNATIONAL RATING SYMBOLS
K
• AVAILABLE
x NOT AVAILABLE
** Available with 4A & 5A terminations only, see page K-10.
All models
with all options,
.
Consult Customer Service center for availability and delivery of
nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching, i.e.,
0.4 VA max. @ 20 V AC or DC max.
OPERATING FORCE
ELECTRICAL
AMPS
CC
CD
CF
CG
CJ
EC
EE
RATING
(REF.)
(15)
(25)
(50)
(75)
(150)
(225)
(400)
F5
1
•
•
•
•
•
•
•
H8
5
••
•
•
••
•
J3
21
X
X
X
X
•
•
•
J6
15
X
X
X
X
•
•
•
K6
11
X
•••
•
•
•
L1
25
X
X
X
X
X
•
X
L3
20
X
XXX
•
•
X
V1
1
•
•
•
•
•
X
X
V2
5
X
X
•
•
•
•
•
V3
11
X
X
X•
•
•
•
V4
16
X
X
X
X
•
•
•
V Metric
For 3 mm screw size
OPTION CODE
RoHS
COMPLIANT
RoHS
COMPATIBLE
MOVABLE
CONTACT
STATIONARY
CONTACT
INTERNATIONAL ELECTRICAL RATING
V1
Yes
Yes
Gold alloy
Gold alloy
From low level* to 1 AMP @ 125 V AC; 1 AMP @ 30 V DC (UL/CSA).
0.1 (0.05) AMP @ 250 V~m T85 50E3 (VDE).
V2
Yes
Yes
5 AMPS @ 277 V AC; 1/10 HP @ 125 & 250 V AC (UL/CSA).
5 (2) AMPS @ 250 V~m T85 50E3 (VDE).
V3
Yes
Yes
11 AMPS @ 277 V AC; 1/3 HP @ 125 & 250 V AC; 0.5 AMP @ 125 V DC;
0.25 AMP @ 250 V DC (UL/CSA). 10 (3) AMPS @ 250 V~m 50E3 T85 (VDE).
V4
Yes
Yes
Precious
metal alloy
21 AMPS @ 277 V AC; 1 HP @ 125 V AC; 2 HP @ 250 V AC;
16 (3) AMPS @ 250 V~m T85 10E3 (VDE).
CONTACT MATERIAL
Fine Silver
Fine Silver
NOTE: V1-V4 ratings available with ‘5A or 5B’terminal styles only.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com