| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TFEEF5ST104AC Datasheet(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TFEEF5ST104AC Datasheet(HTML) 5 Page - ITT Industries |
|
5 / 6 page ![]() K–9 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com K HIGH FORCE, LOW MOTION PIVOT POSITION LOW FORCE, HIGH MOTION PIVOT POSITION NOTE: Lever actuator options are available in either of two pivot positions. Levers located in the forward pivot position have lower forces and higher motions. Levers located in the rear pivot position have higher forces and lower motions. Available with actuators A10, A15, T10, T13, T14, T15, T16 and T18. Available with actuators A20, A25, T20, T23, T24, T25, T26, and T28. C&K TF Series Miniature Snap-acting Switches ACTUATOR K .030 (0,51) .047 (1,19) .010 (0.25) .21 .35 .35 .53 1.23 1.97 3.88 6 10 10 15 35 56 110 .53 .88 1.76 2.65 5.29 7.94 14.11 15 25 50 75 150 225 400 WP0 .235 (5,97) .500 (12,70) .100 (2,54) N/A .04 .04 .05 .12 .21 .39 1 1 1.5 3.5 6 11 N/A .14 .28 .42 .85 1.27 2.26 4 8 12 24 36 64 T26 .125 (3,18) .250 (6,35) .055 (1,40) .04 .07 .07 .07 .21 .35 .99 12226 10 28 .18 .28 .53 .88 1.59 2.47 4.23 5 8 15 25 45 70 120 T25 .120 (3,05) .250 (6,35) .050 (1,27) .04 .07 .07 .07 .21 .35 .71 12226 10 20 .18 .28 .56 .85 1.69 2.65 4.41 5 8 16 24 48 75 125 T23 .060 (1,52) .140 (3,56) .030 (0,76) .21 .35 .35 .53 .71 1.98 3.88 6 10 10 15 20 56 110 .53 .71 1.41 2.12 4.23 6 9.70 15 20 40 60 120 170 275 T20 NOTE: For basic switch operating forces, see page K-6. .155 (3,94) .300 (7,62) .062 (1,57) N/A .04 .04 .07 .18 .28 .56 11258 16 N/A .21 .42 .71 1.41 2.12 3.53 6 12 20 40 60 100 T18 .125 (3,18) .250 (6,35) .045 (1,14) .04 .07 .07 .07 .28 .35 .71 12228 10 20 .18 .28 .53 .78 1.59 2.47 4.23 5 8 15 22 45 70 120 T16 .065 (1,65) .110 (2,59) .030 (0,76) .07 .14 .14 .18 .28 .63 2.82 24458 18 80 .25 .42 1.06 1.41 2.82 4.41 7.94 7 12 30 40 80 125 225 T15 .060 (1,52) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .35 .71 2.82 244 5 10 20 80 .28 .42 1.23 1.76 3.17 4.76 7.94 8 12 35 50 90 135 225 T14 .065 (1,65) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .35 .71 2.82 2445 10 20 80 .28 .42 1.06 1.59 3 4.59 7.94 8 12 30 45 85 130 225 T13 .030 (0,76) .060 (1,52) .015 (0,38) .21 .35 .35 .53 .71 1.98 3.88 6 10 10 15 20 56 110 .63 1.06 2.29 3.17 6.35 7.94 14.11 18 30 65 90 180 225 400 T10 .050 (1,27) .047 (1,19) .010 (0,25) .21 .35 .35 .53 1.23 1.98 3.88 6 10 10 15 35 56 110 .53 .88 1.76 2.65 5.29 7.94 14.11 15 25 50 75 150 225 400 P00 .120 (3,05) .250 (6,35) .050 (1,27) .04 .07 .07 .07 .21 .35 .71 12226 10 20 .18 .28 56 85 1.69 2.65 4.41 5 8 16 24 48 75 125 A25 .065 (1,65) .100 (2,54) .030 (0,76) .07 .14 .14 .18 .35 .71 2.82 2445 10 20 80 .28 .42 1.06 1.593 4.59 7.94 8 12 30 45 85 130 225 A15 .030 (0,76) .060 (1,52) .015 (0,38) .21 .35 .35 .53 .71 1.98 3.88 6 10 10 15 20 56 110 .63 1.06 2.29 3.17 6.35 7.94 14.11 18 30 65 90 180 225 400 A10 MINIMUM OVERTRAVEL ALL FORCES MAXIMUM PRETRAVEL ALL FORCES MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES MINIMUM RELEASE FORCE (OZ./GRAMS) MAXIMUM OPERATING FORCE (OZ./GRAMS) CC CD CF CG CJ EC EE (15) (25) (50) (75) (150) (225) (400) OPTION CODE SWITCH CHARACTERISTICS CC CD CF CG CJ EC EE (15) (25) (50) (75) (150) (225) (400) 2 3 3 5 12 20 40 15 20 40 60 120 170 275 A20 0.055 (1,40) 0.12 (3,05) 0.025 (0,64) 0.53 0.71 1.41 2.12 4.23 6 9.7 0.07 0.11 0.11 0.18 0.42 0.71 1.41 0.11 (2.79) 0.23 (5,84) .005 (1,27) T24 1 2 2 3 6 10 20 0.04 0.07 0.07 0.11 0.21 0.35 0.71 5 8 16 25 50 75 135 0.18 0.28 0.56 0.88 1.76 2.65 4.76 0.285 (7,24) .0.56 (14.22) 0.12 (3,05) T28 13 5 9 N/A 0.04 0.11 0.18 0.32 N/A N/A 12 20 30 55 N/A 0.42 0.71 1.06 1.94 N/A N/A |