Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BLF242 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BLF242
Descripción Electrónicos  HF/VHF power MOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF242 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF242 Datasheet HTML 1Page - NXP Semiconductors BLF242 Datasheet HTML 2Page - NXP Semiconductors BLF242 Datasheet HTML 3Page - NXP Semiconductors BLF242 Datasheet HTML 4Page - NXP Semiconductors BLF242 Datasheet HTML 5Page - NXP Semiconductors BLF242 Datasheet HTML 6Page - NXP Semiconductors BLF242 Datasheet HTML 7Page - NXP Semiconductors BLF242 Datasheet HTML 8Page - NXP Semiconductors BLF242 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
September 1992
3
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF242
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
65
V
±VGS
gate-source voltage
20
V
ID
DC drain current
1A
Ptot
total power dissipation
up to Tmb = 25 °C
16
W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
200
°C
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-mb
thermal resistance from
junction to mounting base
Tmb =25 °C; Ptot = 16 W
11 K/W
Rth mb-h
thermal resistance from
mounting base to heatsink
Tmb =25 °C; Ptot = 16 W
0.3 K/W
Fig.2 DC SOAR.
(1) Current is this area may be limited by RDS(on).
(2) Tmb =25 °C.
handbook, halfpage
MRA918
10−2
10−1
10
1
1
10
ID
(A)
VDS (V)
102
(1)
(2)
Fig.3 Power/temperature derating curves.
(1) Continuous operation.
(2) Short-time operation during mismatch.
handbook, halfpage
0
50
100
150
20
10
0
MPG141
(2)
(1)
Ptot
(W)
Th (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com