Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IM523-X6A Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza IM523-X6A
Descripción Electrónicos  CIPOS™ Mini IM523
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IM523-X6A Datasheet(HTML) 1 Page - Infineon Technologies AG

  IM523-X6A Datasheet HTML 1Page - Infineon Technologies AG IM523-X6A Datasheet HTML 2Page - Infineon Technologies AG IM523-X6A Datasheet HTML 3Page - Infineon Technologies AG IM523-X6A Datasheet HTML 4Page - Infineon Technologies AG IM523-X6A Datasheet HTML 5Page - Infineon Technologies AG IM523-X6A Datasheet HTML 6Page - Infineon Technologies AG IM523-X6A Datasheet HTML 7Page - Infineon Technologies AG IM523-X6A Datasheet HTML 8Page - Infineon Technologies AG IM523-X6A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
V 2.0
www.infineon.com
page 1 of 22
2022-04-26
IM523-X6A Datasheet
CIPOS™ Mini IM523
IM523-X6A
Description
The CIPOS™ IM523 product family offers the chance for integrating various power and control components to
increase reliability and optimize PCB size and system cost. It is designed to control three-phase motors in
variable speed drives. The package concept is specially adapted to power applications, which need good
thermal conduction and electrical isolation, but also less EMI and overload protection. To deliver excellent
electrical performance, Infineon’s leading-edge RC-Drives IGBTs are combined with an optimized SOI gate
driver.
Features
Package
Fully isolated dual in-line molded module
Lead-free terminal plating; RoHS compliant
Inverter
Reverse Conducting Drives IGBTs
Rugged SOI gate driver technology with stability
against transient and negative voltage
Allowable negative VS potential up to -11 V
for signal transmission at VBS = 15 V
Integrated bootstrap functionality
Overcurrent shutdown
Built-in NTC thermistor for temperature monitor
Undervoltage lockout at all channels
Low-side emitter pins accessible for phase current
monitoring (open emitter)
Sleep function
Cross-conduction prevention
All of 6 switches turn off during protection
Potential applications
Home appliances, low power motor drives


Número de pieza similar - IM523-X6A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
IM523-L6A INFINEON-IM523-L6A Datasheet
1,022Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-M6A INFINEON-IM523-M6A Datasheet
1,021Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-S6A INFINEON-IM523-S6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-05-03
More results

Descripción similar - IM523-X6A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
IM535-U6D INFINEON-IM535-U6D Datasheet
1Mb / 23P
CIPOS??Mini IM535
2021-04-09 revision:2.1
IM828-XCC INFINEON-IM828-XCC Datasheet
1Mb / 23P
CIPOS??Maxi IM828
2020-09-03 revision:2.0
IM241 INFINEON-IM241 Datasheet
848Kb / 26P
CIPOS™ Micro IPM 600 V, 2 A
Revision 1.6 2022-06-26
IM523-L6A INFINEON-IM523-L6A Datasheet
1,022Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-M6A INFINEON-IM523-M6A Datasheet
1,021Kb / 22P
CIPOS™ Mini IM523
V 2.0 2022-04-26
IM523-S6A INFINEON-IM523-S6A Datasheet
1Mb / 22P
CIPOS™ Mini IM523
V 2.0 2022-05-03
IM241-L6T2Y INFINEON-IM241-L6T2Y Datasheet
911Kb / 26P
CIPOS™ Micro IPM 600 V, 6 A
Revision 1.6 2022-06-26
IM241-M6T2Y INFINEON-IM241-M6T2Y Datasheet
927Kb / 26P
CIPOS™ Micro IPM 600 V, 4 A
Revision 1.6 2022-06-26
IFCM15S60GS INFINEON-IFCM15S60GS Datasheet
1Mb / 26P
CIPOS™ Mini
Verison 2.4 2021-12-21
IM564-X6D INFINEON-IM564-X6D Datasheet
1Mb / 26P
CIPOS™ Mini IM564
Verison 2.3 2021-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com