Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX5065 Datasheet(PDF) 21 Page - Maxim Integrated Products

No. de pieza MAX5065
Descripción Electrónicos  Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5065 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5065 Datasheet HTML 17Page - Maxim Integrated Products MAX5065 Datasheet HTML 18Page - Maxim Integrated Products MAX5065 Datasheet HTML 19Page - Maxim Integrated Products MAX5065 Datasheet HTML 20Page - Maxim Integrated Products MAX5065 Datasheet HTML 21Page - Maxim Integrated Products MAX5065 Datasheet HTML 22Page - Maxim Integrated Products MAX5065 Datasheet HTML 23Page - Maxim Integrated Products MAX5065 Datasheet HTML 24Page - Maxim Integrated Products MAX5065 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Dual-Phase, +0.6V to +3.3V Output Parallelable,
Average-Current-Mode Controllers
______________________________________________________________________________________
21
Protection
The MAX5067 includes output overvoltage protection
(OVP), undervoltage protection (UVP), phase failure,
and overload protection to prevent damage to the pow-
ered electronic circuits.
Overvoltage Protection (MAX5067)
The OVP comparator compares the OVPIN input to the
overvoltage threshold (Figure 7). The overvoltage
threshold is typically +0.8V. A detected overvoltage
event latches the comparator output forcing the power
stage into the OVP state. In the OVP state, the high-
side MOSFETs turn off and the low-side MOSFETs latch
on. Use the OVPOUT high-current output driver to turn
on an external crowbar SCR. When the crowbar SCR
turns on, a fuse must blow or the source current for the
MAX5067 regulator must be limited to prevent further
damage to the external circuitry. Connect the SCR
close to the input source and after the fuse. Use an
SCR large enough to handle the peak I2t energy due to
the input and output capacitors discharging and the
current sourced by the power-source output. Connect
DIFF to OVPIN for differential output sensing and over-
voltage protection. Add an RC delay to reduce the sen-
sitivity of the overvoltage circuit and avoid nuisance
tripping of the converter (Figures 1, 2). Connect a resis-
tor-divider from the load to SGND to set the OVP output
voltage.
Power-Good Generator (MAX5067)
The PGOOD output is high if all of the following condi-
tions are met (Figure 8):
1) The output is within 90% to 108% of the pro-
grammed output voltage.
2) Both phases are providing current.
3) EN is high.
A window comparator compares the differential amplifier
output (DIFF) against 1.08 times the set output voltage
for overvoltage and 0.90 times the set output voltage for
undervoltage monitoring. The phase-failure comparator
detects a phase failure by comparing the current-error-
amplifier output (CLP_) with a 2.0V reference.
Use a 10k
Ω pullup resistor from PGOOD to a voltage
source less than or equal to VCC. An output voltage
outside the comparator window or a phase-failure con-
dition forces the open-drain output low. The open-drain
MOSFET sinks 4mA of current while maintaining less
than 0.2V at the PGOOD output.
V
R
R
V
OVP
A
B
=+


×
10 8
.
MAX5067
RF
RIN
OVPIN
DIFF
EAN
EAOUT
RB
RA
VOUT
Figure 7. OVP Input Delay
+2.0V
PHASE-FAILURE DETECTION
CLP2
CLP1
VREF
DIFF
PGOOD
8% OF VREF
10% OF VREF
Figure 8. Power-Good Generator (MAX5067)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com