Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX5065 Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de pieza MAX5065
Descripción Electrónicos  Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5065 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5065 Datasheet HTML 2Page - Maxim Integrated Products MAX5065 Datasheet HTML 3Page - Maxim Integrated Products MAX5065 Datasheet HTML 4Page - Maxim Integrated Products MAX5065 Datasheet HTML 5Page - Maxim Integrated Products MAX5065 Datasheet HTML 6Page - Maxim Integrated Products MAX5065 Datasheet HTML 7Page - Maxim Integrated Products MAX5065 Datasheet HTML 8Page - Maxim Integrated Products MAX5065 Datasheet HTML 9Page - Maxim Integrated Products MAX5065 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Dual-Phase, +0.6V to +3.3V Output Parallelable,
Average-Current-Mode Controllers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
CURRENT-SENSE THRESHOLD
vs. OUTPUT VOLTAGE
VOUT (V)
1.7
1.6
1.4
1.5
1.2
1.3
1.1
46
47
48
49
50
51
52
53
54
55
45
1.0
1.8
PHASE 2
PHASE 1
10
0.1
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
OVERVOLTAGE THRESHOLD (PGOOD)
vs. INPUT VOLTAGE
1
VIN (V)
VOUT = +0.8V
VOUT = +3.3V
10
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
UNDERVOLTAGE THRESHOLD (PGOOD)
vs. INPUT VOLTAGE
1
0.1
VIN (V)
VOUT = +0.8V
VOUT = +3.3V
1.50
1.60
1.55
1.75
1.70
1.65
1.80
1.85
1.90
08 12
4
162024283236404448 52
OUTPUT VOLTAGE vs. OUTPUT CURRENT
AND ERROR AMP GAIN (RF/RIN)
ILOAD (A)
RF/RIN = 40
RF/RIN = 20
RF/RIN = 7.5
RF/RIN = 10
DIFFERENTIAL AMPLIFIER BANDWIDTH
MAX5065/67 toc14
FREQUENCY (MHz)
1
0.1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.01
10
-225
-270
-180
-135
-90
-45
0
45
90
PHASE
GAIN
DIFF OUTPUT ERROR
vs. SENSE+ TO SENSE- VOLTAGE
∆VSENSE (V)
1.9
1.8
1.1 1.2 1.3
1.5 1.6
1.4
1.7
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.200
0
1.0
2.0
VIN = +12V
NO DRIVER
VCC LOAD REGULATION
vs. INPUT VOLTAGE
ICC (mA)
135
120
15 30 45
75 90
60
105
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
4.80
0
150
VIN = +24V
VIN = +12V
VIN = +8V
DC LOAD
VCC LINE REGULATION
VIN (V)
26
24
20 22
12 14 16 18
10
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
4.75
828
ICC = 0
ICC = 40mA
VCC LINE REGULATION
VIN (V)
13
12
910
11
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
4.75
8
ICC = 80mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com