| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA323W Datasheet(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA323W Datasheet(HTML) 61 Page - STMicroelectronics |
|
61 / 71 page ![]() STA323W User-programmable settings 61/71 8.5 Calculating 24-bit signed fractional numbers from a dB value The pre-scale, mixing, and post-scale functions of the STA323W use 24-bit signed fractional multipliers to attenuate signals. These attenuations can also invert the phase and therefore range in value from -1 to +1. It is possible to calculate the coefficient to use for a given negative dB value (attenuation) using the equations following. ● non-inverting phase numbers 0 to +1: – coefficient = round(8388607 * 10 ^ (dB/20)) ● inverting phase numbers 0 to -1: – coefficient = 16777216 - round(8388607 * 10^(dB/20)) As can be seen by the preceding equations, the value for positive phase 0dB is 0x7FFFFF and the value for negative phase 0dB is 0x800000. 8.6 User defined coefficient RAM 8.6.1 Coefficient address register 1 (address 0x16) 8.6.2 Coefficient b1data register bits 23...16 (address 0x17) 8.6.3 Coefficient b1data register bits 15...8 (address 0x18) 8.6.4 Coefficient b1data register bits 7...0 (address 0x19) D7 D6 D5 D4 D3 D2 D1 D0 CFA7 CFA6 CFA5 CFA4 CFA3 CFA2 CFA1 CFA0 0 0 000000 D7 D6 D5 D4 D3 D2 D1 D0 C1B23 C1B22 C1B21 C1B20 C1B19 C1B18 C1B17 C1B16 0 000 000 0 D7 D6 D5 D4 D3 D2 D1 D0 C1B15 C1B14 C1B13 C1B12 C1B11 C1B10 C1B9 C1B8 0000 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 C1B7 C1B6 C1B5 C1B4 C1B3 C1B2 C1B1 C1B0 0 0 00 00 00 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |